Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 6 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 6 Page - ams AG

Back Button TCS3772 Datasheet HTML 2Page - ams AG TCS3772 Datasheet HTML 3Page - ams AG TCS3772 Datasheet HTML 4Page - ams AG TCS3772 Datasheet HTML 5Page - ams AG TCS3772 Datasheet HTML 6Page - ams AG TCS3772 Datasheet HTML 7Page - ams AG TCS3772 Datasheet HTML 8Page - ams AG TCS3772 Datasheet HTML 9Page - ams AG TCS3772 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
5
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Proximity Characteristics, VDD = 3 V, TA = 255C, PEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current
LDR pulse on
3
mA
ADC conversion time step size
PTIME = 0xFF
2.27
2.4
2.56
ms
ADC number of integration steps
(Note 1)
1
256
steps
ADC counts per step (Note 1)
PTIME = 0xFF
0
1023
counts
ADC count value
λp = 850 nm, Ee = 770.1 μW/cm2, PTIME = 0xFB,
PPULSE = 1 (Note 3)
1350
1900
counts
ADC output responsivity
λp = 850 nm, PTIME = 0xFF, PPULSE = 1 (Note 3)
0.175
0.211
0.247
counts/
μW/cm2
Noise (Notes 1 2 3)
E
0 PTIME
0xFF PPULSE
8 (Note 6)
2
%FS
Noise (Notes 1, 2, 3)
Ee = 0, PTIME = 0xFF, PPULSE = 8 (Note 6)
2% FS
LED pulse count (Note 1)
0
255
pulses
LED pulse period
14.0
μs
LED pulse width — LED on time
6.3
μs
PDRIVE = 0
80
106
132
LED drive current
ISINK sink current @ 1.6 V,
PDRIVE = 1
50
mA
LED drive current
ISINK sink current @ 1.6 V,
LDR pin
PDRIVE = 2
25
mA
PDRIVE = 3
12.5
Maximum operating distance
(Notes 1, 4, 5)
PDRIVE = 0 (100 mA), PPULSE = 64
Emitter:
λp = 850 nm, 20° half angle, and 60 mW/sr
Object: 16
× 20-inch, 90% reflective Kodak Gray Card
(white surface)
Optics: Open view (no glass, no optical attenuation)
30
inches
NOTES: 1. Parameter is ensured by design or characterization and is not tested.
2. Proximity noise is defined as one standard deviation of 600 samples.
3. Proximity noise typically increases as
√PPULSE
4. Greater operating distances are achievable with appropriate optical system design considerations. See available TAOS application
notes for additional information.
5. Maximum operating distance is dependent upon emitter and the reflective properties of the object’s surface.
6. Proximity noise test was done using the following circuit:
TCS3772
VDD
1
mF
22
W
15.0
W
1
34
VDD
GND
LDR
Wait Characteristics, VDD = 3 V, TA = 255C, WEN = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
CHANNEL
MIN
TYP
MAX
UNIT
Wait step size
WTIME = 0xFF
2.27
2.4
2.56
ms
Wait number of steps (Note 7)
1
256
steps
NOTE 7: Parameter ensured by design and is not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com