Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 16 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 16 Page - ams AG

Back Button TCS3772 Datasheet HTML 12Page - ams AG TCS3772 Datasheet HTML 13Page - ams AG TCS3772 Datasheet HTML 14Page - ams AG TCS3772 Datasheet HTML 15Page - ams AG TCS3772 Datasheet HTML 16Page - ams AG TCS3772 Datasheet HTML 17Page - ams AG TCS3772 Datasheet HTML 18Page - ams AG TCS3772 Datasheet HTML 19Page - ams AG TCS3772 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
15
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Power Management
Power consumption can be managed with the Wait state, because the Wait state typically consumes only 65
μA
of IDD current. An example of the power management feature is given below. With the assumptions provided
in the example, average IDD is estimated to be 186 μA.
Table 1. Power Management
SYSTEM STATE MACHINE
STATE
PROGRAMMABLE
PARAMETER
PROGRAMMED VALUE
DURATION
TYPICAL
CURRENT
Prox Accum
PPULSE
0x04
0.056 ms
Prox Accum − LED On
0.025 ms (Note 1)
109 mA
Prox Accum − LED Off
0.031 ms (Note 2)
0.235 mA
Prox Wait
2.40 ms
0.235 mA
Prox ADC
PTIME
0xFF
2.40 ms
0.235 mA
Wait
WTIME
0xEE
43 1 ms
0 065 mA
Wait
WLONG
0
43.1 ms
0.065 mA
ALS Init
2.40 ms
0.235 mA
ALS ADC
ATIME
0xEE
43.1 ms
0.235 mA
NOTES: 1. Prox Accum − LED On time = 6.3
μs per pulse
× 4 pulses = 25.2μs = 0.025 ms
2. Prox Accum − LED Off time = 7.7
μs per pulse
× 4 pulses = 30.9μs = 0.031 ms
Average IDD Current = ((0.025
× 109) + (0.031 × 0.235) + (2.40 × 0.235) +
(43.1
× 0.065) + (43.1 × 0.263) + (2.40 × 0.235 × 2)) / 93  186 μA
Keeping with the same programmed values as the example, Table 2 shows how the average IDD current is
affected by the Wait state time, which is determined by WEN, WTIME, and WLONG. Note that the worst-case
current occurs when the Wait state is not enabled.
Table 2. Average IDD Current
WEN
WTIME
WLONG
WAIT STATE
AVERAGE IDD CURRENT
0
n/a
n/a
0 ms
289
μA
1
0xFF
0
2.40 ms
279
μA
1
0xEE
0
43.1 ms
186
μA
1
0x00
0
613 ms
82
μA
1
0x00
1
7.36 s
67
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com