Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 3 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 3 Page - ams AG

  TCS3772 Datasheet HTML 1Page - ams AG TCS3772 Datasheet HTML 2Page - ams AG TCS3772 Datasheet HTML 3Page - ams AG TCS3772 Datasheet HTML 4Page - ams AG TCS3772 Datasheet HTML 5Page - ams AG TCS3772 Datasheet HTML 6Page - ams AG TCS3772 Datasheet HTML 7Page - ams AG TCS3772 Datasheet HTML 8Page - ams AG TCS3772 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
2
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Functional Block Diagram
SDA
VDD
INT
SCL
LDR
Wait Control
Prox
ADC
Prox Control
Prox
Data
IR LED Constant
Current Sink
Clear ADC
Prox
Integration
Upper Limit
Upper Limit
Lower Limit
Lower Limit
Interrupt
GND
Red ADC
Green ADC
Blue ADC
Clear Data
Red Data
Green Data
Blue Data
RGBC Control
Blue
Green
Red
Clear
Detailed Description
The TCS3772 is a next-generation digital color light sensor device containing four integrating analog-to-digital
converters (ADCs) that integrate currents from photodiodes. The device contains a 3
× 4 photodiode array used
for color measurements and a 1
× 4 photodiode array used for proximity measurements. Integration of all color
sensing channels occurs simultaneously. Upon completion of the conversion cycle, the conversion result is
transferred to the corresponding data registers. The transfers are double-buffered to ensure that the integrity
of the data is maintained. Communication with the device is accomplished through a fast (up to 400 kHz),
two-wire I2C serial bus for easy connection to a microcontroller or embedded controller.
The device provides a separate pin for level-style interrupts. The interrupt feature simplifies and improves
system efficiency by eliminating the need to poll a sensor for a light intensity value. When interrupts are enabled,
an interrupt is generated when the value of a clear channel or proximity conversion is greater than an upper
threshold or less than a lower threshold. Once the interrupt is asserted, it remains asserted until cleared by the
controlling firmware. In addition, a programmable interrupt persistence filter allows the user to set the number
of consecutive clear channel or proximity conversions outside of the threshold region that are necessary to
trigger an interrupt. Interrupt thresholds and persistence filter settings are configured independently for both
clear and proximity.
Proximity detection requires only a single external IR LED. An internal LED driver can be configured to provide
a constant current sink of 12.5 mA, 25 mA, 50 mA, or 100 mA of current. No external current limiting resistor
is required. The number of proximity LED pulses can be programmed from 1 to 255 pulses. Each pulse has a
14-
μs period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com