Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 25 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 25 Page - ams AG

Back Button TCS3772 Datasheet HTML 21Page - ams AG TCS3772 Datasheet HTML 22Page - ams AG TCS3772 Datasheet HTML 23Page - ams AG TCS3772 Datasheet HTML 24Page - ams AG TCS3772 Datasheet HTML 25Page - ams AG TCS3772 Datasheet HTML 26Page - ams AG TCS3772 Datasheet HTML 27Page - ams AG TCS3772 Datasheet HTML 28Page - ams AG TCS3772 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
24
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Control Register (0x0F)
The Control register provides eight bits of miscellaneous control to the analog block.
Table 14.
Control Register
6
75
4
2
31
0
CONTROL
PDRIVE
Reset
0x00
Reserved
AGAIN
FIELD
BITS
DESCRIPTION
PDRIVE
7:6
Proximity LED Drive Strength.
FIELD VALUE
LED STRENGTH
00
100 mA
01
50 mA
10
25 mA
11
12.5 mA
Reserved
5:2
Reserved.
Write bits as 0
AGAIN
1:0
RGBC Gain Control.
FIELD VALUE
RGBC GAIN VALUE
00
1
× gain
01
4
× gain
10
16
× gain
11
60
× gain
ID Register (0x12)
The ID Register provides the value for the part number. The ID register is a read-only register.
Table 15. ID Register
6
75
4
2
31
0
ID
ID
Reset
ID
FIELD
BITS
DESCRIPTION
ID
7:0
Part number identification
0x40 = TCS37721 & TCS37725
ID
7:0
Part number identification
0x49 = TCS37723 & TCS37727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com