Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 22 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 22 Page - ams AG

Back Button TCS3772 Datasheet HTML 18Page - ams AG TCS3772 Datasheet HTML 19Page - ams AG TCS3772 Datasheet HTML 20Page - ams AG TCS3772 Datasheet HTML 21Page - ams AG TCS3772 Datasheet HTML 22Page - ams AG TCS3772 Datasheet HTML 23Page - ams AG TCS3772 Datasheet HTML 24Page - ams AG TCS3772 Datasheet HTML 25Page - ams AG TCS3772 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
21
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Clear Interrupt Threshold Registers (0x04 − 0x07)
The Clear interrupt threshold registers provides the values to be used as the high and low trigger points for the
comparison function for interrupt generation. If the value generated by the clear channel crosses below the
lower threshold specified, or above the higher threshold, an interrupt is asserted on the interrupt pin.
Table 9. Clear Interrupt Threshold Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
AILTL
0x04
7:0
Clear channel low threshold lower byte
AILTH
0x05
7:0
Clear channel low threshold upper byte
AIHTL
0x06
7:0
Clear channel high threshold lower byte
AIHTH
0x07
7:0
Clear channel high threshold upper byte
Proximity Interrupt Threshold Registers (0x08 − 0x0B)
The proximity interrupt threshold registers provide the values to be used as the high and low trigger points for
the comparison function for interrupt generation. If the value generated by proximity channel crosses below the
lower threshold specified, or above the higher threshold, an interrupt is signaled to the host processor.
Table 10.
Proximity Interrupt Threshold Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
PILTL
0x08
7:0
Proximity ADC channel low threshold lower byte
PILTH
0x09
7:0
Proximity ADC channel low threshold upper byte
PIHTL
0x0A
7:0
Proximity ADC channel high threshold lower byte
PIHTH
0x0B
7:0
Proximity ADC channel high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com