Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 20 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 20 Page - ams AG

Back Button TCS3772 Datasheet HTML 16Page - ams AG TCS3772 Datasheet HTML 17Page - ams AG TCS3772 Datasheet HTML 18Page - ams AG TCS3772 Datasheet HTML 19Page - ams AG TCS3772 Datasheet HTML 20Page - ams AG TCS3772 Datasheet HTML 21Page - ams AG TCS3772 Datasheet HTML 22Page - ams AG TCS3772 Datasheet HTML 23Page - ams AG TCS3772 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
19
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Enable Register (0x00)
The Enable register is used primarily to power the TCS3772 device on and off, and enable functions and
interrupts as shown in Table 5.
Table 5. Enable Register
6
75
4
PON
2
31
0
ENABLE
Reserved
Resv
AIEN
Reset
0x00
AEN
PIEN
WEN
PEN
FIELD
BITS
DESCRIPTION
Reserved
7:6
Reserved. Write as 0.
PIEN
5
Proximity interrupt enable. When asserted, permits proximity interrupts to be generated.
AIEN
4
Clear channel interrupt enable. When asserted, permits Clear interrupts to be generated.
WEN
3
Wait enable. This bit activates the wait feature. Writing a 1 activates the wait timer. Writing a 0 disables the
wait timer.
PEN
2
Proximity enable. This bit activates the proximity function. Writing a 1 enables proximity. Writing a 0
disables proximity.
AEN
1
RGBC enable. This bit actives the two-channel ADC. Writing a 1 activates RGBC. Writing a 0 disables
RGBC.
PON
0
Power ON. This bit activates the internal oscillator to permit the timers and ADC channels to operate.
Writing a 1 activates the oscillator. Writing a 0 disables the oscillator. During reads and writes over the I2C
interface, this bit is temporarily overridden and the oscillator is enabled, independent of the state of PON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com