Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 12 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 12 Page - ams AG

Back Button TCS3772 Datasheet HTML 8Page - ams AG TCS3772 Datasheet HTML 9Page - ams AG TCS3772 Datasheet HTML 10Page - ams AG TCS3772 Datasheet HTML 11Page - ams AG TCS3772 Datasheet HTML 12Page - ams AG TCS3772 Datasheet HTML 13Page - ams AG TCS3772 Datasheet HTML 14Page - ams AG TCS3772 Datasheet HTML 15Page - ams AG TCS3772 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
11
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Proximity Detection
Proximity detection is accomplished by measuring the amount of light energy, generally from an IR LED,
reflected off an object to determine its distance. The proximity light source, which is external to the TCS3772
device, is driven by the integrated proximity LED current driver as shown in Figure 6.
Prox
Integration
Prox Control
Prox
ADC
Prox LED
Current Driver
PDATAH(r0x019)
PDRIVE(r0x0F, b7:6)
Prox
Data
External IR
LED
PTIME(r0x02)
PVALID(r0x13, b1)
VDD
PPULSE(r0x0E)
Background Energy
PDATAL(r0x018)
LDR
Object
Figure 11. Proximity Detection
The LED current driver, output on the LDR terminal, provides a regulated current sink that eliminates the need
for an external current limiting resistor. PDRIVE sets the drive current to 100 mA, 50 mA, 25 mA. To drive an
external light source with more than 100 mA or to minimize on-chip ground bounce, LDR can be used to
drive an external p-type transistor, which, in turn, drives the light source.
Referring to the Detailed State Machine figure, the LED current driver pulses the external IR LED as shown in
Figure 12 during the Prox Accum state. Figure 12 also illustrates that the LED On pulse has a fixed width of
6.3
μs and period of 14.0 μs. So, in addition to setting the proximity drive current, 1 to 255 proximity pulses
(PPULSE) can be programmed. When deciding on the number of proximity pulses, keep in mind that the signal
increases proportionally to PPULSE, while noise increases by the square root of PPULSE.
LED On
LED Off
IR LED Pulses
Background
Energy
Reflected IR LED +
Background Energy
14.0
ms
6.3
ms
Figure 12. Proximity LED Current Driver Waveform
Figure 11 illustrates light rays emitting from an external IR LED, reflecting off an object, and being absorbed by
the proximity photodiode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com