Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS3772 Datasheet(PDF) 2 Page - ams AG

Part # TCS3772
Description  COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TCS3772 Datasheet(HTML) 2 Page - ams AG

  TCS3772 Datasheet HTML 1Page - ams AG TCS3772 Datasheet HTML 2Page - ams AG TCS3772 Datasheet HTML 3Page - ams AG TCS3772 Datasheet HTML 4Page - ams AG TCS3772 Datasheet HTML 5Page - ams AG TCS3772 Datasheet HTML 6Page - ams AG TCS3772 Datasheet HTML 7Page - ams AG TCS3772 Datasheet HTML 8Page - ams AG TCS3772 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TCS3772
COLOR LIGHT-TO-DIGITAL CONVERTER
with PROXIMITY SENSING
TAOS145B − SEPTEMBER 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D RGB and Clear Color Sensing and
Proximity Detection in a Single Device
D Color Light Sensing with IR-Blocking Filter
− Programmable Analog Gain and
Integration Time
− 3,800,000:1 Dynamic Range
− Very High Sensitivity — Ideally Suited for
Operation Behind Dark Glass
D Proximity Detection
− Ambient Light Rejection
− Programmable Integration Time
− Current Sink Driver for External IR LED
D Maskable Light and Proximity Interrupt
− Programmable Upper and Lower
Thresholds with Persistence Filter
D Power Management
− Low Power — 2.5-
mA Sleep State
− 65-
mA Wait State withProgrammable Wait
State Time from 2.4 ms to > 7 Seconds
D I2C Fast Mode Compatible Interface
− Data Rates up to 400 kbit/s
− Input Voltage Levels Compatible with VDD
or 1.8 V Bus
D Register Set and Pin Compatible with the
TCS3x71 Series
D Small 2 mm y 2.4 mm Dual Flat No-Lead
(FN) Package
Applications
D RGB LED Backlight Control
D Ambient Light Color Temperature Sensing
D Cell Phone Touch Screen Disable
D Mechanical Switch Replacement
D Industrial Process Control
D Medical Diagnostics
End Products and Market Segments
D HDTVs, Mobile Handsets, Tablets, and
Portable Media Payers
D Medical and Commercial Instrumentation
D Toys
D Solid State and General Lighting
Description
The TCS3772 device family provides red, green, blue, and clear (RGBC) light sensing and, when coupled with
an external IR LED, proximity detection. These devices detect light intensity under a variety of lighting conditions
and through a variety of attenuation materials, including dark glass. The proximity detection feature allows a
large dynamic range of operation for accurate short distance detection, such as in a cell phone, for detecting
when the user positions the phone close to their ear. An internal state machine provides the ability to put the
device into a low power state in between proximity and RGBC measurements providing very low average power
consumption.
The color sensing feature is useful in applications such as LED RGB backlight control, solid state lighting,
reflected LED color sampler, or fluorescent light color temperature detection. With the addition of an IR blocking
filter, the device is an excellent ambient light sensor, color temperature monitor, and general purpose color
sensor.
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
Package Drawing Not to Scale
PACKAGE FN
DUAL FLAT NO-LEAD
(TOP VIEW)
6 SDA
5 INT
4 LDR
VDD 1
SCL 2
GND 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com