Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 2Page - Cirrus Logic CS4610 Datasheet HTML 3Page - Cirrus Logic CS4610 Datasheet HTML 4Page - Cirrus Logic CS4610 Datasheet HTML 5Page - Cirrus Logic CS4610 Datasheet HTML 6Page - Cirrus Logic CS4610 Datasheet HTML 7Page - Cirrus Logic CS4610 Datasheet HTML 8Page - Cirrus Logic CS4610 Datasheet HTML 9Page - Cirrus Logic CS4610 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
DS241PP5
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
CS4610/11 + CS423X CONFIGURATION (T
A = 0 to 70° C;
PCIVDD = CVDD = CRYVDD = 3.3 V; VDD5REF = 5 V; PCIGND = CGND = CRYGND = 0 V;
Logic 0 = 0 V, Logic 1 = 3.3 V; Timing reference levels = 1.4 V; unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
SCLK input cycle time
tsclk
320
354
-
ns
FSYNC input cycle time
tfsync
20480
22676
-
ns
SCLK rising to FSYNC transition
tpd1
-20
-
20
ns
SCLK rising to SDOUT valid
tpd2
-25
45
ns
SDIN valid to SCLK falling
ts1
30
-
-
ns
SDIN hold after SCLK falling
th1
30
-
-
ns
LRCLK output cycle time
tlrclk
20480
22676
-
ns
SCLK falling to LRCLK transition
tpd3
-25
45
ns
SCLK falling to SDO2/SDO3 valid
tpd4
-25
45
ns
SDIN2 valid to SCLK rising (SI2F1-0: 00)
ts2
30
-
-
ns
SDIN2 hold after SCLK rising (SI2F1-0: 00)
th2
30
-
-
ns
SDIN2 valid to SCLK falling (SI2F1-0: 01)
ts3
30
-
-
ns
SDIN2 hold after SCLK falling (SI2F1-0: 01)
th3
30
-
-
ns
SCLK
FSYNC
SDOUT
SDIN
LRCLK
SD02/SD03
SDIN2
SDIN2
tsclk
tpd1
tpd2
15
14
0
0
15
15
14
ts1
0
15
15
14
14
15
0
tpd4
tpd3
th1
ts2
ts3
th2
th3
17
16
0
0
19
18
19
18
17
16
0
00
0
0
0
15
15
tfsync
tlrclk
Figure 3. CS4610/11 and CS423x Link and 6 Channel Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com