Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 13Page - Cirrus Logic CS4610 Datasheet HTML 14Page - Cirrus Logic CS4610 Datasheet HTML 15Page - Cirrus Logic CS4610 Datasheet HTML 16Page - Cirrus Logic CS4610 Datasheet HTML 17Page - Cirrus Logic CS4610 Datasheet HTML 18Page - Cirrus Logic CS4610 Datasheet HTML 19Page - Cirrus Logic CS4610 Datasheet HTML 20Page - Cirrus Logic CS4610 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
DS241PP5
17
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
Pin Name
Direction
Functional Description
SCLK
Input
Main timing driver for digital audio link, both edges used internally for tim-
ing. Also functions as the source to the PLL for internal clock generation.
FSYNC
Input
Framing signal for digital audio link, high time indicates left channel data
and low time indicates right channel data. FSYNC is sampled on the falling
edge of the SCLK input.
SDOUT
Output
Primary output port serial data pin. This data is the CS4610 output stream
going to the CS423x DACs. SDOUT transitions on the rising edge of the
SCLK input.
SDIN
Input
Primary input port serial data pin. This data contains both CS423x ADC
data and the CS423x output data. SDIN is sampled on the falling edge of
the SCLK input.
LRCLK
Output
Framing signal for external 4333 DACs, high time indicates left channel
data and low time indicates right channel data. LRCLK transitions on the
falling edge of the SCLK input.
SDO2, SDO3
Output
Second and third output port serial data pins. These output streams are
the expanded output channels beyond the CS423x left / right pair. The
serial data on these pins transition on the falling edge of the SCLK input.
Note that this is a DIFFERENT SCLK edge than the one for the SDOUT
pin.
Table 4. Serial Audio Port Signal Summary for CS4610 + CS423x Expanded Output Configuration
CS4610 PCI
Accelerator
CS423x
ISA Codec
ABITCLK/SCLK
ASYNC/FSYNC
ASDOUT/SDOUT
MIDIIN
ASDIN/SDIN
SCLK
FSYNC
SDIN
MIDOUT
SDOUT
16.9344 MHz
PLL/
Clock Gen
JAB2/SDO3
JAB1/SDO2
Analog Out Pair 2
Analog Out Pair 3
Analog Out Pair 1
MCLK
Surround Left
Left
Surround Right
Right
Center
Sub
16.9344
JBB1/LRCLK
Figure 11. CS4610 + CS423x Expanded 6-Channel Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com