Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 20Page - Cirrus Logic CS4610 Datasheet HTML 21Page - Cirrus Logic CS4610 Datasheet HTML 22Page - Cirrus Logic CS4610 Datasheet HTML 23Page - Cirrus Logic CS4610 Datasheet HTML 24Page - Cirrus Logic CS4610 Datasheet HTML 25Page - Cirrus Logic CS4610 Datasheet HTML 26Page - Cirrus Logic CS4610 Datasheet HTML 27Page - Cirrus Logic CS4610 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
24
DS241PP5
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
DEVSEL# - Device Select, I/O
(M) pin 20; (Q) pin 28
DEVSEL# is driven by the PCI bus target device to indicate that it has decoded the address of
the current transaction as its own chip select range.
REQ# - Master Request, Three-State Output
(M) pin 85; (Q) pin 113
REQ# indicates to the system arbiter that this device is requesting access to the PCI bus. This
pin is high-impedance when RST# is active.
GNT# - Master Grant, Input
(M) pin 84; (Q) pin 112
GNT# is driven by the system arbiter to indicate to the device that the PCI bus has been
granted.
PERR# - Parity Error, I/O
(M) pin 24; (Q) pin 32
PERR# is used for reporting data parity errors on the PCI bus.
SERR# - System Error, Open Drain Output
(M) pin 25; (Q) pin 33
SERR# is used for reporting address parity errors and other catastrophic system errors.
INTA# - Host Interrupt A (for SP), Open Drain Output
(M) pin 81; (Q) pin 109
INTA# is the level triggered interrupt pin dedicated to servicing internal device interrupt
sources.
PCICLK - PCI Bus Clock, Input
(M) pin 83; (Q) pin 111
PCICLK is the PCI bus clock for timing all PCI transactions. All PCI synchronous signals are
generated and sampled relative to the rising edge of this clock.
RST# - PCI Device Reset
(M) pin 82; (Q) pin 110
RST# is the PCI bus master reset.
VDD5REF: Clean 5 V Power Supply
(M) pin 73; (Q) pin 95
VDD5REF is the power connection pin for the 5 V PCI pseudo supply for the PCI bus drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com