Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 19Page - Cirrus Logic CS4610 Datasheet HTML 20Page - Cirrus Logic CS4610 Datasheet HTML 21Page - Cirrus Logic CS4610 Datasheet HTML 22Page - Cirrus Logic CS4610 Datasheet HTML 23Page - Cirrus Logic CS4610 Datasheet HTML 24Page - Cirrus Logic CS4610 Datasheet HTML 25Page - Cirrus Logic CS4610 Datasheet HTML 26Page - Cirrus Logic CS4610 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
DS241PP5
23
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
Note: A ‘#’ sign suffix on a pin names indicates an active-low signal.
PCI Interface
AD[31:0] - Address/Data Bus, I/O
(M) pins 88-92, 95-97, 2-6, 9-11, 28-29, 32-37, 41-48
(Q) pins 116-120, 123-125, 2-6, 9-11, 36-37, 40-45, 49-56
These pins form the multiplexed address / data bus for the PCI interface.
C/BE[3:0]# - Command Type / Byte Enables, I/O
(M) pins 98, 14, 27, 38; (Q) pins 126, 14, 35, 46
These four pins are the multiplexed command / byte enables for the PCI interface. During the
address phase of a transaction, these pins indicate cycle type. During the data phases of a
transaction, active low byte enable information for the current data phase is indicated. These
pins are inputs during slave operation and they are outputs during bus mastering operation.
PAR - Parity, I/O
(M) pin 26; (Q) pin 34
The Parity pin indicates even parity across AD[31:0] and C_BE[3:0] for both address and data
phases. The signal is delayed one PCI clock from either the address or data phase for which
parity is generated.
FRAME# - Cycle Frame, I/O - Active Low
(M) pin 15; (Q) pin 15
FRAME# is driven by the current PCI bus master to indicate the beginning and duration of a
transaction.
IRDY# - Initiator Ready, I/O
(M) pin 16; (Q) pin 24
IRDY# is driven by the current PCI bus master to indicate that as the initiator it is ready to
transmit or receive data (complete the current data phase).
TRDY# - Target Ready, I/O
(M) pin 17; (Q) pin 25
TRDY# is driven by the current PCI bus target to indicate that as the target device it is ready to
transmit or receive data (complete the current data phase).
STOP# - Transition Stop, I/O
(M) pin 23; (Q) pin 31
STOP# is driven active by the current PCI bus target to indicate a request to the master to stop
the current transaction.
IDSEL - Initialize Device Select, Input
(M) pin 99; (Q) pin 127
IDSEL is used as a chip select during PCI configuration read and write cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com