Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 6Page - Cirrus Logic CS4610 Datasheet HTML 7Page - Cirrus Logic CS4610 Datasheet HTML 8Page - Cirrus Logic CS4610 Datasheet HTML 9Page - Cirrus Logic CS4610 Datasheet HTML 10Page - Cirrus Logic CS4610 Datasheet HTML 11Page - Cirrus Logic CS4610 Datasheet HTML 12Page - Cirrus Logic CS4610 Datasheet HTML 13Page - Cirrus Logic CS4610 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
DS241PP5
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
provides all Analog-to-Digital conversion (ADC)
and Digital-to-Analog conversion (DAC) func-
tions. Digital audio is transferred between the
CS423x and the CS4610/11 over a proprietary bi-
directional serial data link between the two devices.
MIDI data from the CS423x MPU-401 UART is
also transferred serially to the CS4610. DOS appli-
cations can directly address the CS423x audio
functions on the ISA bus. Windows DirectX audio
applications will address the PCI-based CS4610/11
device through Windows DirectX drivers, wherein
the CS423x is utilized as the external Codec for an-
alog I/O.
A system diagram depicting connection of the
CS4610/11 to the CrystalClear CS4297 AC’97 Co-
dec is given in Figure 7. All analog audio inputs
and outputs are connected to the AC’97 Codec. Au-
dio data is passed between the AC’97 Codec and
the CS4610/11 over the serial AC-Link. The
CS4610/11 provides a hardware interface for con-
nection of a joystick and MIDI devices. Legacy au-
dio support under a Windows DOS Box is provided
via virtualization of the Sound Blaster
™, OPL3
FM synthesizer and MPU-401 MIDI interface reg-
isters.
PCI Bus
Host Bridge /
Mem Control
ISA
Bridge
ISA Bus
CS423x
Motherboard
Audio
CS4610/11
Accelerator
Audio Out
CPU
Audio In
Digital
Link
Host Memory
Opt. CS4333 DACs
Optional
Surround
Outputs
Figure 6. CS4610/11 + CS423x Motherboard Audio Configuration
CPU
Host Bridge /
Mem Control
Host Memory
PCI Bus
CS4610/11
Accelerator
AC ’97
Codec
Audio Out
Audio In
Figure 7. CS4610/11 + AC ‘97 Codec Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com