Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 16Page - Cirrus Logic CS4610 Datasheet HTML 17Page - Cirrus Logic CS4610 Datasheet HTML 18Page - Cirrus Logic CS4610 Datasheet HTML 19Page - Cirrus Logic CS4610 Datasheet HTML 20Page - Cirrus Logic CS4610 Datasheet HTML 21Page - Cirrus Logic CS4610 Datasheet HTML 22Page - Cirrus Logic CS4610 Datasheet HTML 23Page - Cirrus Logic CS4610 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
DS241PP5
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
ence of an external EEPROM device and load the
Subsystem ID and Subsystem Vendor ID fields,
along with two bytes of general configuration in-
formation, into internal registers. At power-up, the
CS4610/11 will attempt to read from the external
device, and will check the data received from the
device for a valid signature header. If the header
data is invalid, the data transfer is aborted. After
power-up, the host can read or write from/to the
EEPROM device by accessing specific registers in
the CS4610/11. Cirrus Logic provides software to
program the EEPROM.
The two wire interface for the optional external EE-
PROM device is depicted in Figure 15. During data
transfers, the data line (EEDAT) can change state
only while the clock signal (EECLK) is low. A
state change of the data line while the clock signal
is high indicates a start or stop condition to the EE-
PROM device.
The EEPROM device read access sequence is
shown in the Figure 16. The timing follows that of
a random read sequence. The CS4610/11 first per-
forms a “dummy” write operation, generating a
start condition followed by the slave device address
and the byte address of zero. The slave address is
made up of a device identifier (0xA) and a bank se-
lect (bits A2-A0). The CS4610/11 always begins
access at byte address zero and continues access a
byte at a time. The byte address automatically in-
crements by one until a stop condition is detected.
The CS4610/11 will read a total of seven bytes
from the EEPROM.
General Purpose I/O Pins
Many of the CS4610/11 signal pins are internally
multiplexed to serve different functions depending
on the environment in which the device is being
used. Several of the CS4610/11 signal pins may be
used as general purpose I/O pins when not required
for other specific functions in a given application.
CS4610/11
Serial
EEPROM
EECLK
4.7 k
Ω
EEDAT
SCL
SDA
Figure 15. External EEPROM Connection
S 1010000 0 A 000000 00 AS 1010000 1 A
Data
Data
P
1
A
Start
Part
Address
Start
Acknowledge
No
Acknowledge
Stop
Acknowledge
Data
EEPROM
Write
Read
Bank
Address
Part
Address
DSP
Figure 16. External EEPROM Read Access Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com