Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 15Page - Cirrus Logic CS4610 Datasheet HTML 16Page - Cirrus Logic CS4610 Datasheet HTML 17Page - Cirrus Logic CS4610 Datasheet HTML 18Page - Cirrus Logic CS4610 Datasheet HTML 19Page - Cirrus Logic CS4610 Datasheet HTML 20Page - Cirrus Logic CS4610 Datasheet HTML 21Page - Cirrus Logic CS4610 Datasheet HTML 22Page - Cirrus Logic CS4610 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
DS241PP5
19
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
PLL/
Clock Gen
ABITCLK/SCLK
ASYNC/FSYNC
ASDOUT/SDOUT
ASDIN/SDIN
ARST#
MIDIIN
MIDIOUT
JACX, JACY, JBCX, JBCY
JAB1, JAB2, JBB1, JBB2
12.288 MHz
48 kHz
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
RESET#
24.576 MHz
AC’97 Codec
CS4297
CS4610/11
Joystick/MIDI Port
Figure 13. CS4610/11 - AC ‘97 Codec Connection Diagram
+5 V
DSP
1 nF
1
9
8
4
5
2
10
7
14
12
15
1 nF
5.6 nF
5.6 nF
2.2 k
Ω
2.2 k
Ω
MIDIIN
MIDIOUT
JAB2
JBB2
JACY
JBCY
JBCX
JACX
JBB1
JAB1
3
11
13
6
1 nF
1 nF
2.2 k
Ω
2.2 k
Ω
5.6 nF
5.6 nF
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
4.7 k
Ω
Figure 14. Joystick Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com