Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 21Page - Cirrus Logic CS4610 Datasheet HTML 22Page - Cirrus Logic CS4610 Datasheet HTML 23Page - Cirrus Logic CS4610 Datasheet HTML 24Page - Cirrus Logic CS4610 Datasheet HTML 25Page - Cirrus Logic CS4610 Datasheet HTML 26Page - Cirrus Logic CS4610 Datasheet HTML 27Page - Cirrus Logic CS4610 Datasheet HTML 28Page - Cirrus Logic CS4610 Datasheet HTML 29Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
DS241PP5
27
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
MIDIOUT - MIDI Data Output
(M) pin 63; (Q) pin 77
This is the serial output pin for the internal MIDI port.
CVDD[4:0] - Core Power Supply
(M) pins 68, 64, 61, 12, 19;
(Q) pins 90, 78, 75, 12, 27
Core / Stream Processor power pins.
CGND[4:0] - Core Ground Supply
(M) pins 67, 65, 62, 13, 18;
(Q) pins 89, 79, 76, 13, 26
Core / Stream Processor ground reference pins.
Serial Codec Interface
ABITCLK/SCLK - AC ‘97 Bit Rate Clock / Serial Audio Data Clock, I/O
(M) pin 74; (Q) pin 96
Master timing clock for serial audio data. In AC’97 configurations, this pin is an input which
drives the timing for the AC’97 interface, along with providing the source clock for the PLL. In
CS423x (ISA Codecs) digital link configurations, this pin is an input for the SCLK from the
CS423x DSP port.
ASYNC/FSYNC - AC ‘97 Frame Sync / Serial Audio Frame Sync, O/I
(M) pin 77; (Q) pin 99
Framing clock for serial audio data. In AC’97 configurations, this pin is an output which
indicates the framing for the AC’97 link. In CS423x digital link configurations, this pin is an
input for the FSYNC from the CS423x’s DSP port.
ASDOUT/SDOUT - AC ‘97 Data Out / Serial Audio Data Out, Output
(M) pin 75; (Q) pin 97
Serial audio output data.
ASDIN/SDIN - AC ‘97 Data In / Serial Audio Data In, Input
(M) pin 76; (Q) pin 98
Serial audio input data.
ARST# - AC ‘97 Reset, Output
(M) pin 78; (Q) pin 100
AC’97 link reset pin. This pin also functions as a general purpose reset output in non-AC’97
configurations and will follow RST# pin 82 to ground, but must be forced high by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com