Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 4Page - Cirrus Logic CS4610 Datasheet HTML 5Page - Cirrus Logic CS4610 Datasheet HTML 6Page - Cirrus Logic CS4610 Datasheet HTML 7Page - Cirrus Logic CS4610 Datasheet HTML 8Page - Cirrus Logic CS4610 Datasheet HTML 9Page - Cirrus Logic CS4610 Datasheet HTML 10Page - Cirrus Logic CS4610 Datasheet HTML 11Page - Cirrus Logic CS4610 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
DS241PP5
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
EEPROM TIMING CHARACTERISTICS Note 4. (T
A = 0 to 70 °C, PCIVDD = CVDD = CRYVDD =
3.3 V; VDD5REF = 5 V; VDD5REF = 5 V; PCIGND = CGND = CRYGND = 0 V; Logic 0 = 0 V, Logic 1 = 3.3 V;
Timing reference levels = 1.4 V; PCI clock frequency = 33 MHz; unless otherwise noted)
Notes: 16. Rise time on EEDAT is determined by the capacitance on the EEDAT line with all connected gates and
the required external pull-up resistor.
Parameter
Symbol
Min
Max
Units
EECLK Low to EEDAT Data Out Valid
tAA
07.0
µs
Start Condition Hold Time
tHD:STA
5.0
-
µs
EECLK Low
tLEECLK
10
-
µs
EECLK High
tHEECLK
10
-
µs
Start Condition Setup Time (for a Repeated Start Condition)
tSU:STA
5.0
-
µs
EEDAT In Hold Time
tHD:DAT
0-
µs
EEDAT In Setup Time
tSU:DAT
250
-
ns
EEDAT/EECLK Rise Time
(Note 16)
tR
-1
µs
EEDAT/EECLK Fall Time
tF
-300
ns
Stop Condition Setup Time
tSU:STO
5.0
-
µs
EEDAT Out Hold Time
tDH
0-
µs
EECLK
EEDAT (IN)
EEDAT (OUT)
t
F
t
R
t
SU:STA
t
HD:STA
t
HD:DAT
t
SU:DAT
t
SU:STO
t
AA
t
DH
t
HEECLK
t
LEECLK
EEDAT (OUT)
Figure 5. EEPROM Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com