Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4610 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4610
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4610 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4610 Datasheet HTML 21Page - Cirrus Logic CS4610 Datasheet HTML 22Page - Cirrus Logic CS4610 Datasheet HTML 23Page - Cirrus Logic CS4610 Datasheet HTML 24Page - Cirrus Logic CS4610 Datasheet HTML 25Page - Cirrus Logic CS4610 Datasheet HTML 26Page - Cirrus Logic CS4610 Datasheet HTML 27Page - Cirrus Logic CS4610 Datasheet HTML 28Page - Cirrus Logic CS4610 Datasheet HTML 29Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
DS241PP5
25
CS4610/11
CrystalClear™ SoundFusion™ PCI Audio Accelerator
PCIVDD[7:0] - PCI Bus Driver Power Supply
(M) pins 50, 39, 31, 21, 8, 100, 94, 86;
(Q) pins 58, 47, 39, 29, 8, 128, 122, 114
PCIVDD pins are the PCI driver power supply pins.
PCIGND[7:0] - PCI Bus Driver Ground Pins
(M) pins 49, 40, 30, 22, 7, 1, 93, 87;
(Q) pins 57, 48, 38, 30, 7, 1, 121, 115
PCIGND pins are the PCI driver ground reference pins.
External Interface Pins
TEST - Test Mode Strap, Input
(M) pin 51; (Q) pin 65
This pin is sampled at reset for test mode entry. If it is high at reset, test mode is enabled. This
pin should normally be pulled to ground in a production design.
EEDAT/GPIO2 - External EEPROM Data / General Purpose I/O Pin 2, I/O Drain
(M) pin 80; (Q) pin 102
Data line for external serial EEPROM containing device configuration data. When used with an
external EEPROM, a 4.7 k
Ω pullup resistor is required. In designs without EEPROM
requirements, this pin can be used as a general purpose input or open drain output.
EECLK/GPOUT - External EEPROM Clock / General Purpose Output Pin, Output
(M) pin 79; (Q) pin 101
Clock line for external serial EEPROM containing device configuration data. In designs
without EEPROM requirements, this pin can be used as a general purpose output pin.
SDIN2/GPIO - Serial Data Input 2 / General Purpose I/O Pin, I/O
(M) pin 66; (Q) pin 88
This dual function pin defaults as a general purpose I/O pin. In non-AC’97 system
configurations, this pin can function as a second stereo digital data input pin if enabled.
VOLUP/XTALI - Volume Up Button / Crystal Input, Input
(M) pin 70; (Q) pin 92
This dual function pin is either the volume up button control input or the crystal oscillator input
pin, depending on system configuration. When a crystal is used, it must designed for
fundamental mode, parallel resonant. This pin may also be used as a general purpose input if its
primary function is not needed.
VOLDN/XTALO - Volume Down Button / Crystal Output, I/O
(M) pin 71; (Q) pin 93
This dual function pin is either the volume down button control input or the crystal oscillator
output pin, depending on system configuration. This pin may also be used as a general purpose
input if its primary function is not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com