| Electronic Components Datasheet Search |
|
CS4610 Datasheet(PDF) 1 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS4610 Datasheet(HTML) 1 Page - Cirrus Logic |
|
1 / 29 page ![]() Copyright © Cirrus Logic, Inc. 1998 (All Rights Reserved) CS4610/11 Advanced Product Databook CrystalClear™ SoundFusion™ PCI Audio Accelerator FEATURES s High Performance PCI Audio Accelerator — Powerful RAM-based SLIMD™ DSP core provides high task concurrency and maximum flexibility — Efficient bus mastering PCI interface minimizes host loading — DMA engine with hardware scatter-gather manages up to 96 simultaneous audio/data streams s Flexible Digital Audio Interface Design — Direct Connection to CS423x Codec — Simple expansion to 6 audio output channels — Direct Connection to CS4297 AC’97 Codec s Complete Solution including DSP Software and Windows 95® drivers — Acceleration of DirectSound®, DirectSound3D®, Direct- Input™, and DirectShow™ APIs — High Quality HRTF-Based 3D Positional Sound — General MIDI Wavetable Synthesis with Reverb and Chorus —Dolby® AC-3® (5.1 channel) and MPEG-2 Audio Decod- ing (CS4610 only) with speaker virtualization DESCRIPTION The CS4610/11 is a high performance audio accel- erator for the PCI bus. This device, combined with application and driver software, provides a com- plete system solution for hardware acceleration of Windows 95 DirectSound, DirectSound3D, Direct- Input, DirectShow, and Wavetable Synthesis. The CS4610/11 is based on the Cirrus Logic, Crys- talClear Stream Processor (SP) DSP core. The SP core is optimized for digital audio processing, and is powerful enough to handle complex signal pro- cessing tasks such as Dolby AC-3 decoding (CS4610 only) with ease. The SP core is supported by a bus mastering PCI interface and a built-in ded- icated DMA engine with hardware scatter-gather support. These support functions ensure extremely efficient transfer of audio data streams to and from host-based memory buffers, providing a system solution with maximum performance and minimal host CPU loading. The all-digital CS4610/11 supports a variety of au- dio I/O configurations, including direct connection to the CrystalClear CS423x Codecs via a bi-direc- tional serial data link, or direct connection to an AC’97 Codec such as the CrystalClear CS4297. ORDERING INFORMATION CS4610-CM 100-pin MQFP 20x14x3.07 mm CS4610C-CQ 128-pin TQFP 20x14x1.60 mm CS4611-CM 100-pin MQFP 20x14x3.07 mm 96-Stream DMA Controller with Hardware Scatter/Gather MPU-401 MIDI Interface AC ’97 Interface GPIO Interrupt Controller 2 423x Interface and Dual I S Output Sample RAM Program RAM Coefficient ROM Parameter RAM PLL Clock Generator PCI Interface Joystick Interface SLIMD SP Core DS241PP5 MAR ‘98 |
Similar Part No. - CS4610 |
|
Similar Description - CS4610 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |