Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 4Page - STMicroelectronics AN2242 Datasheet HTML 5Page - STMicroelectronics AN2242 Datasheet HTML 6Page - STMicroelectronics AN2242 Datasheet HTML 7Page - STMicroelectronics AN2242 Datasheet HTML 8Page - STMicroelectronics AN2242 Datasheet HTML 9Page - STMicroelectronics AN2242 Datasheet HTML 10Page - STMicroelectronics AN2242 Datasheet HTML 11Page - STMicroelectronics AN2242 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
2 Circuit Description
AN2242
8/31
Here follow some waveforms during normal operation at full load:
The pictures above show the drain voltage and current signal on pin #12 at the nominal input
mains voltage during normal operation at full load. The Envelope acquisition of the scope
provides for the possibility to observe the modulation of the two waveforms, due to the mains
input voltage ripple at twice the line frequency.
Figure 5. The drain voltage waveforms and the measurement of the peak voltage at full load
and maximum input mains voltage are shown. The maximum voltage peak in this condition is
524V, which ensures a reliable operation of the power MOSFET with a good margin against the
maximum BVDSS. The operation during the hard-disk spin-up when the SMPS delivers the
peak power to the loads, brings the drain voltage peak at 540Vpk.
Figure 5.
Vin = 265 Vrms - 50Hz
Figure 5. and Figure 6. depict the most salient controller IC signals. In all pictures it is possible
to distinguish clean waveforms free of hard spikes or noise that could affect the controller
Figure 3.
Vin = 115 Vrms - 60Hz
Figure 4.
Vin = 230 Vrms - 50Hz
CH1: DRAIN VOLTAGE
CH2: DRAIN CURRENT - VPIN12 (Isen)
CH1: DRAIN VOLTAGE
CH2: DRAIN CURRENT - VPIN12 (Isen)
CH1: DRAIN VOLTAGE
CH2: DRAIN CURRENT - VPIN12 (Isen)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com