Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 20Page - STMicroelectronics AN2242 Datasheet HTML 21Page - STMicroelectronics AN2242 Datasheet HTML 22Page - STMicroelectronics AN2242 Datasheet HTML 23Page - STMicroelectronics AN2242 Datasheet HTML 24Page - STMicroelectronics AN2242 Datasheet HTML 25Page - STMicroelectronics AN2242 Datasheet HTML 26Page - STMicroelectronics AN2242 Datasheet HTML 27Page - STMicroelectronics AN2242 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
7 Part List
AN2242
24/31
C41
10uF-50V YXF
ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
C5
DE1E3KX222M 2N2 - Y1 SAFETY CAP.
MURATA
C7
1N0 - 200V
200V CERCAP - GENERAL PURPOSE
KEMET
C9
470uF-25V YXF ALUMINIUM ELCAP - YXF SERIES - 105°C
RUBYCON
D1
2W06G
SINGLE PHASE BRIDGE RECTIFIER
VISHAY
D10
STPS10L60FP
POWER SCHOTTKY RECTIFIER
STMicroelectronics
D12
1N5821
LOW DROP POWER SCHOTTKY RECTIFIER
STMicroelectronics
D13
LL4148
FAST SWITCHING DIODE
VISHAY
D16
LL4148
FAST SWITCHING DIODE
VISHAY
D2
STPS8H100FP
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
STMicroelectronics
D5
BAV103
FAST SWITCHING DIODE
VISHAY
D6
BAV103
FAST SWITCHING DIODE
VISHAY
D7
STTH1L06U
ULTRAFAST HIGH VOLTAGE RECTIFIER
STMicroelectronics
D9
STPS1L60A
LOW DROP POWER SCHOTTKY RECTIFIER
STMicroelectronics
F1
FUSE T2A
FUSE 2 AMP. TIME DELAY
WICKMANN
J1
MKDS 1,5/ 2-
5,08
PCB TERM. BLOCK, SCREW CONN., PITCH 5MM - 2
WAYS
PHOENIX CONTACT
J2
MPT 0,5/ 8-2,54 PCB TERM. BLOCK, SCREW CONN., PITCH 5MM - 8
WAYS
PHOENIX CONTACT
L1
HF2430-
203Y1R0-T01
COMMON MODE CHOKE COIL
TDK
L2
2u7-ELC08D
POWER INDUCTOR
PANASONIC
L3
2u7-ELC08D
POWER INDUCTOR
PANASONIC
L4
22uH-RCH654
POWER INDUCTOR
SUMIDA
L5
2u7-ELC08D
POWER INDUCTOR
PANASONIC
Q1
STP4NK60ZFP
N-CHANNEL POWER MOSFET
STMicroelectronics
Q2
BC847B
SMALL SIGNAL NPN TRANSISTORS
STMicroelectronics
Q3
BC847B
SMALL SIGNAL NPN TRANSISTORS
STMicroelectronics
Q4
BC847B
SMALL SIGNAL NPN TRANSISTORS
STMicroelectronics
Q5
BC847B
SMALL SIGNAL NPN TRANSISTORS
STMicroelectronics
R1
NTC_10R S236 NTC RESISTOR P/N B57236S0100M000
EPCOS
R10
10K
SMD STANDARD FILM RES - 1/8W - 1% - 100ppm/°C
BC COMPONENTS
R12
10K
SMD STANDARD FILM RES - 1/8W - 1% - 100ppm/°C
BC COMPONENTS
R13
36K
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R14
30K
SMD STANDARD FILM RES - 1/4W - 5% - 250ppm/°C
BC COMPONENTS
Table 7.
Part List
Des
Part Type/
Part Value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com