Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 23Page - STMicroelectronics AN2242 Datasheet HTML 24Page - STMicroelectronics AN2242 Datasheet HTML 25Page - STMicroelectronics AN2242 Datasheet HTML 26Page - STMicroelectronics AN2242 Datasheet HTML 27Page - STMicroelectronics AN2242 Datasheet HTML 28Page - STMicroelectronics AN2242 Datasheet HTML 29Page - STMicroelectronics AN2242 Datasheet HTML 30Page - STMicroelectronics AN2242 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
AN2242
9 Transformer Specification
29/31
Table 8.
Winding Characteristics
Figure 33. Winding Position
Note:
Primaries A & B are in parallel
9.2
Mechanical Aspect
●
MAXIMUM HEIGHT FROM PCB: 30mm
●
COIL FORMER TYPE:HORIZONTAL, 6+6 PINS (PINS #2 and #4 ARE REMOVED)
●
PIN DISTANCE: 5mm
●
ROW DISTANCE: 30 mm
●
PINS #3 and #4 ARE REMOVED
●
EXTERNAL COPPER SHIELD: 12mm WIDTH
9.3
Manufacturer
TDK Electronics Europe - Germany
Transformer P/N: SRW28LEC-E01H117
PINS
WINDING
O/P RMS
CURRENT
NUMBER OF
TURNS
WIRE TYPE
3-1
PRIMARY - A
0.32 ARMS
95
G2 - 2X
Φ 0.23mm
12-11
12V
2.3 ARMS
9
G2 - 3X
Φ 0.45mm
11-10
5V
3 ARMS
7 SPACED
G2 - 3X
Φ 0.45mm
9-8
3.3V
0.6 ARMS
2
G2 - 3X
Φ 0.45mm
8-7
1.8V
2.1 ARMS
3
G2 - 3X
Φ 0.45mm
3-1
PRIMARY
0.32 ARMS
95
G2 - 2X
Φ 0.23mm
5-6
AUX
0.05 ARMS
17 SPACED
G2 -
Φ 0.23mm
COIL FORMER
INSULATING
TAPE
1.8V – 3.3V
5V
12V
PRIMARY - A
PRIMARY - B
AUX
4
4
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com