Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 15Page - STMicroelectronics AN2242 Datasheet HTML 16Page - STMicroelectronics AN2242 Datasheet HTML 17Page - STMicroelectronics AN2242 Datasheet HTML 18Page - STMicroelectronics AN2242 Datasheet HTML 19Page - STMicroelectronics AN2242 Datasheet HTML 20Page - STMicroelectronics AN2242 Datasheet HTML 21Page - STMicroelectronics AN2242 Datasheet HTML 22Page - STMicroelectronics AN2242 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
AN2242
4 Functional Checking
19/31
Q3 has been added. This circuit senses the output voltage and drive the circuit to work in hic-
cup mode if the 1.8V output voltage disappears
4.5
Over Voltage Protection
A protection that all power supplies must have is that against the failure of the feedback
circuitry. If this occurs, the SMPS output voltages can get high values, depending on the load
on each output and the transformer coupling between the windings. Consequently, the
rectifiers and the output capacitors are overstressed and they can be destroyed. To avoid this
SMPS failure, a dedicated low-cost circuit has been added that senses the auxiliary voltage,
thus providing a protection threshold not as dependent on the mains voltage or the load. This
signal is connected to the L6668, pin 7 (DIS), dedicated to a latched protection of the circuit, as
needed to properly protect the power supply from OVP or OTP. The IC pin #7 is the non-
inverting input of a comparator having the inverting input internally referenced to 2.2V (typ.). As
the voltage on the pin exceeds the threshold, the L6668 stops the operation and its
consumption is reduced to a low value. The status is latched until the Vcc goes below the
UVLO threshold. To remain in the latch status, the L6668 internal HV generator is activated
periodically so that the Vcc oscillates between the start-up threshold VccON and VccON - 0.5V.
The SMPS can restart after the disconnection of the converter from the mains and the Vcc pin
decreases below the UVLO threshold. Figure 24. depicts the circuit behaviour described
above. During a feedback loop failure, the board OVP circuitry voltage intervention threshold
allows the 12V output to rise up to 16.8V at 115Vac, and doesn't change significantly with the
input voltage or the load.
Figure 22. 1.8V OUTPUT SHORT at 90 VAC
Figure 23. 1.8V OUTPUT SHORT at 265 VAC
CH1: DRAIN VOLTAGE
CH2: VPIN12(Vcc)
CH3: 1.8 Vout
CH4: ISHORT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com