Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 14Page - STMicroelectronics AN2242 Datasheet HTML 15Page - STMicroelectronics AN2242 Datasheet HTML 16Page - STMicroelectronics AN2242 Datasheet HTML 17Page - STMicroelectronics AN2242 Datasheet HTML 18Page - STMicroelectronics AN2242 Datasheet HTML 19Page - STMicroelectronics AN2242 Datasheet HTML 20Page - STMicroelectronics AN2242 Datasheet HTML 21Page - STMicroelectronics AN2242 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
4 Functional Checking
AN2242
18/31
duration increases significantly with the mains voltage. The auto-restart at short removal is
correct in all conditions.
Figure 20. and Figure 21. show the short circuit waveforms shorting the 3.3V and the 5V
output. Like the 12V output voltage the controller keeps under control the circuit preventing in
all conditions the power supply from catastrophic failures. Even the 1.8V output is well
protected against shorts, in fact figures Figure 22. and Figure 23. are relevant to a short at
minimum and maximum mains voltage. Because the coupling between the 1.8V and the
auxiliary windings is poor, to help the circuit enter in burst mode the circuitry based on Q2 and
Figure 18. 12V OUTPUT SHORT at 90 VAC
Figure 19. 3.3V OUTPUT SHORT at 265 VAC
Figure 20. 3.3V OUTPUT SHORT at 265 VAC
Figure 21. 5V OUTPUT SHORT at 265 VAC
CH1: DRAIN VOLTAGE
CH2: VPIN12(Vcc)
CH3: 12 Vout
CH4: ISHORT CIRCUIT
CH1: DRAIN VOLTAGE
CH2: VPIN12(Vcc)
CH3: 3.3 Vout
CH4: ISHORT CIRCUIT
CH1: DRAIN VOLTAGE
CH2: VPIN12(Vcc)
CH3: 5 Vout
CH4: ISHORT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com