Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 7Page - STMicroelectronics AN2242 Datasheet HTML 8Page - STMicroelectronics AN2242 Datasheet HTML 9Page - STMicroelectronics AN2242 Datasheet HTML 10Page - STMicroelectronics AN2242 Datasheet HTML 11Page - STMicroelectronics AN2242 Datasheet HTML 12Page - STMicroelectronics AN2242 Datasheet HTML 13Page - STMicroelectronics AN2242 Datasheet HTML 14Page - STMicroelectronics AN2242 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AN2242
3 Cross Regulation and Standby
11/31
3
Cross Regulation and Standby
The following tables show the output voltage measurements and the overall efficiency of the
converter measured at different input voltages. All the output voltages have been measured on
the output connector.
Table 2.
Output Voltage Measurement at Full Load
Table 2. lists the output voltage measurements at both nominal mains range: all voltages are
within the tolerance given in the specification. The efficiency measured is very good for this
kind of SMPS, thanks to the absence of post regulators.
Table 3. shows the same measurement done during the HDD spin-up, which means higher
current from the 12V output, while the other output currents are not changed.
Table 3.
Output Voltage Measurement at HDD SPIN-UP
As clearly visible in this table, the output voltages are still within the given tolerance. The
heavier load does not affect efficiency. Please note that that the total output power of Table 3. is
the so-called "electrical power", not the "thermal power". Therefore, the circuit has been
designed to deliver the "electrical power" for a short time only - typically the HDD spin-up has
at 115Vac - 60Hz
at 230Vac - 50Hz
Voltage [V] Current [A]
Deviation
Voltage [V] Current [A]
Deviation
11.70
1.9
-2.50%
OK
11.6
1.9
-3.33%
OK
1.81
1.7
0.56
OK
1.82
1.7
1.11%
OK
4.82
2.4
-3.60%
OK
4.82
2.4
-3.60%
OK
3.28
0.5
-0.61%
OK
3.28
0.5
-0.61%
OK
at 115Vac - 60Hz
at 230Vac - 50Hz
Voltage [V] Current [A]
Deviation
Voltage [V] Current [A]
Deviation
11.51
2.9
-4.08%
OK
11.46
2.9
-4.50%
OK
1.81
1.7
0.56%
OK
1.82
1.7
1.11%
OK
4.77
2.4
-4.60%
OK
4.80
2.4
-4.00%
OK
3.3
0.5
-0.00%
OK
3.29
0.5
-0.30%
OK
Vin= 115Vac
lin= 0.75Arms
Pin= 49W
EFF.= 78.6%
Vin= 230Vac
lin= 0.44Arms
Pin= 47.6W
EFF.= 80.6%
Pout=38.52W
Pout=38.34W
Vin= 115Vac
lin= 0.93Arms
Pin= 64.5W
EFF.= 76.8%
Vin= 230Vac
lin= 0.55Arms
Pin= 61.2W
EFF.= 80.9%
Pout=49.55W
Pout=49.49W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com