Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 8Page - STMicroelectronics AN2242 Datasheet HTML 9Page - STMicroelectronics AN2242 Datasheet HTML 10Page - STMicroelectronics AN2242 Datasheet HTML 11Page - STMicroelectronics AN2242 Datasheet HTML 12Page - STMicroelectronics AN2242 Datasheet HTML 13Page - STMicroelectronics AN2242 Datasheet HTML 14Page - STMicroelectronics AN2242 Datasheet HTML 15Page - STMicroelectronics AN2242 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
3 Cross Regulation and Standby
AN2242
12/31
duration of 1 second - but it cannot be delivered significantly longer because, from the thermal
point of view, the circuit can manage the full load only with the required reliability. The board
has been designed to power a digital decoder equipped with a hard disk drive but it can be
used even for powering a Set-Top box without the Hard disk drive. The measurements shown
in Table 4. are relevant to a load condition typical of a satellite Set-Top box. The 12V and 5V
loads have been reduced with respect to the previous measurements.
Table 4.
Output Voltage Measurement at Reduced, W/O HDD
At minimum load the power supply is still capable of keeping the output voltages regulated
within the specification, as indicated by the measurements in Table 5. Additionally, the auxiliary
voltage has been measured too: note that the voltage powering the IC has a good margin with
respect to the L6668 turn-off voltage.
Table 5.
Output Voltage Measurement at Minimum Load
at 115Vac - 60Hz
at 230Vac - 50Hz
Voltage [V]
Current [A]
Deviation
Voltage [V] Current [A]
Deviation
11.86
1.1
-1.17%
OK
11.76
1.1
-2.00%
OK
1.79
1.7
-0.56%
OK
1.81
1.7
0.56%
OK
4.85
1.8
-3.00%
OK
4.9
1.8
-2.00%
OK
3.27
0.5
-0.91%
OK
3.26
0.5
-1.21%
OK
Pout=
26.45
W
Pout=
26.46
W
at 115Vac - 60Hz
at 230Vac - 50Hz
Voltage [V]
Current [A]
Deviation
Voltage [V]
Current [A]
Deviation
11.72
0.05
-2.33%
OK
11.65
0.05
-2.92%
OK
1.80
0.2
0.00%
OK
1.80
0.2
0.00%
OK
4.77
0.3
-4.600%
OK
4.78
0.3
-4.40%
OK
3.35
0.03
1.52%
OK
3.34
0.03
1.21%
OK
Vin= 115Vac
lin= 0.48Arms
Pin= 33.1W
EFF.= 79.9%
Vin= 230Vac
lin= 0.29Arms
Pin= 33.4W
EFF.= 79.2%
Pout=26.45W
Pout=26.45W
Vin= 115Vac
lin= 0.082Arms
Pin= 3.6W
Vaux=1.5V
EFF.= 68.8%
Vin= 230Vac
lin= 0.05Arms
Pin= 4.2W
Vaux=11.4V
EFF.= 59.0%
Pout=2.48W
Pout=2.48W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com