Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 23Page - STMicroelectronics AN2242 Datasheet HTML 24Page - STMicroelectronics AN2242 Datasheet HTML 25Page - STMicroelectronics AN2242 Datasheet HTML 26Page - STMicroelectronics AN2242 Datasheet HTML 27Page - STMicroelectronics AN2242 Datasheet HTML 28Page - STMicroelectronics AN2242 Datasheet HTML 29Page - STMicroelectronics AN2242 Datasheet HTML 30Page - STMicroelectronics AN2242 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
9 Transformer Specification
AN2242
28/31
9
Transformer Specification
●
APPLICATION TYPE: Consumer, Home Appliance
●
TRANSFORMER TYPE: Open
●
WINDING TYPE: Layer
●
COIL FORMER: Horizontal type, 6+6 pins
●
MAX. TEMP. RISE: 45°C
●
MAX. OPERATING AMBIENT TEMP.: 60°C
●
MAINS INSULATION: ACC. WITH EN60065
9.1
Electrical Characteristics
●
CONVERTER TOPOLOGY: Flyback, CCM/DCM Mode
●
CORE TYPE: EER28L - PC40 or equivalent
●
TYPICAL OPERATING FREQ.: 65kHz
●
PRIMARY INDUCTANCE: 910
µH ±10% at 1kHz - 0.25V (1)
●
LEAKAGE INDUCTANCE: 15
µH MAX at 100kHz - 0.25V (2)
●
MAX. PEAK PRIMARY CURRENT: 1.65 Apk
●
RMS PRIMARY CURRENT: 0.65 ARMS
Note: 1 Measured between pins 1-3
2 Measured between pins 1-3 with all secondary windings shorted
Figure 32. "Transformer Electrical Diagram
1
3
PRIM
5
6
AUX
+1.8
7
+3.3
10
9
11
+5V
12
+12V
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com