Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 10Page - STMicroelectronics AN2242 Datasheet HTML 11Page - STMicroelectronics AN2242 Datasheet HTML 12Page - STMicroelectronics AN2242 Datasheet HTML 13Page - STMicroelectronics AN2242 Datasheet HTML 14Page - STMicroelectronics AN2242 Datasheet HTML 15Page - STMicroelectronics AN2242 Datasheet HTML 16Page - STMicroelectronics AN2242 Datasheet HTML 17Page - STMicroelectronics AN2242 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
3 Cross Regulation and Standby
AN2242
14/31
peak current defined by the disable level applied at to pin #9. This functionality is well visible in
Figure 11., where the most significant waveforms are depicted during the standby operation. It
is possible to check that the circuit stops switching as soon as the COMP pin voltage is equal to
the SKIPADJ voltage and restarts to operate as soon as the threshold returns at the same level
with the mentioned voltage histeresys. In the above table also the auxiliary voltage
measurement is shown. At minimum load the value is still enough to ensure correct operation
of the L6668 with margin. During standby operation the output voltages are only affected by a
slight ripple at burst frequency, due to the operation of the internal control comparator. The
ripple peak to peak measured in worst case at 265Vac on the 5V output was 68mV.
Figure 10. Pin at 230vac vs. Iout 5V
Figure 11. Vin = 230 Vrms - 50Hz
Pin @230vac vs. Iout 5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
20
30
40
50
60
70
80
Iout 5V [mA]
CH1: VDRAIN
CH2: VPIN10- COMP
CH3: VPIN16 - RCT
CH4: VPIN9 - SKIP_ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com