Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 21Page - STMicroelectronics AN2242 Datasheet HTML 22Page - STMicroelectronics AN2242 Datasheet HTML 23Page - STMicroelectronics AN2242 Datasheet HTML 24Page - STMicroelectronics AN2242 Datasheet HTML 25Page - STMicroelectronics AN2242 Datasheet HTML 26Page - STMicroelectronics AN2242 Datasheet HTML 27Page - STMicroelectronics AN2242 Datasheet HTML 28Page - STMicroelectronics AN2242 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
AN2242
7 Part List
25/31
R15
6K2
SMD STANDARD FILM RES - 1/4W - 5% - 250ppm/°C
BC COMPONENTS
R16
1K0
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R17
82R
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R18
0R47
SFR25 AXIAL STANDARD FILM RES - 0.4W - 5% -
250ppm/°C
BC COMPONENTS
R19
0R47
SFR25 AXIAL STANDARD FILM RES - 0.4W - 5% -
250ppm/°C
BC COMPONENTS
R2
3R9
PR01 AXIAL STANDARD FILM RES - 1W - 5% -
250ppm/°C
BC COMPONENTS
R20
1K8
SMD STANDARD FILM RES - 1/4W - 1% - 100ppm/°C
BC COMPONENTS
R21
3K9
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R22
27K
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R23
1K0
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R24
1K0
SMD STANDARD FILM RES - 1/4W - 1% - 100ppm/°C
BC COMPONENTS
R25
3K3
SMD STANDARD FILM RES - 1/8W - 1% - 100ppm/°C
BC COMPONENTS
R26
1K0
SMD STANDARD FILM RES - 1/8W - 1% - 100ppm/°C
BC COMPONENTS
R27
5K6
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R28
1K0
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R29
10K
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R30
270R
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R32
1K0
SMD STANDARD FILM RES - 1/4W - 5% - 250ppm/°C
BC COMPONENTS
R33
1K0
SMD STANDARD FILM RES - 1/4W - 5% - 250ppm/°C
BC COMPONENTS
R34
1K0
SMD STANDARD FILM RES - 1/4W - 5% - 250ppm/°C
BC COMPONENTS
R35
1K0
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R36
3K3
SMD STANDARD FILM RES - 1/8W - 5% - 250ppm/°C
BC COMPONENTS
R4
4K7
SFR25 AXIAL STANDARD FILM RES - 0.4W - 5% -
250ppm/°C
BC COMPONENTS
R5
470K
SMD STANDARD FILM RES - 1/4W - 5% - 250ppm/°C
BC COMPONENTS
R6
330K
SMD STANDARD FILM RES - 1/4W - 5% - 250ppm/°C
BC COMPONENTS
R7
33K-2W
PR02 AXIAL STANDARD FILM RES - 2W - 5% -
250ppm/°C
BC COMPONENTS
R8
33R
PR02 AXIAL STANDARD FILM RES - 2W - 5% -
250ppm/°C
BC COMPONENTS
T1
SRW28LEC-
E01 H117
POWER TRANSFORMER
TDK
U2
L6668
PRIMARY CONTROLLER
STMicroelectronics
Table 7.
Part List
Des
Part Type/
Part Value
Description
Supplier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com