Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2242 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2242
Description  This document describes a reference design
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2242 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2242 Datasheet HTML 13Page - STMicroelectronics AN2242 Datasheet HTML 14Page - STMicroelectronics AN2242 Datasheet HTML 15Page - STMicroelectronics AN2242 Datasheet HTML 16Page - STMicroelectronics AN2242 Datasheet HTML 17Page - STMicroelectronics AN2242 Datasheet HTML 18Page - STMicroelectronics AN2242 Datasheet HTML 19Page - STMicroelectronics AN2242 Datasheet HTML 20Page - STMicroelectronics AN2242 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN2242
4 Functional Checking
17/31
against lost of channel tuning or video disturbances while the end user is watching TV or
recording programs.
4.4
Short-Circuit Tests
An important functionality of any power supply is the capability to survive in case of load short
circuit and to avoid any consequent failure. Additionally, the power supply must be compliant
with safety rules, which require that, in case of fault, no component will melt or burn-out. The
SMPS protection is another issue of power supplies. Sometimes it is easy to find circuits with
good protection capability against shorts of the load but which are not able to survive in case of
a very hard short like that of an output electrolytic capacitor or of a rectifier or transformer
saturation. Besides, in case of a shorted rectifier the equivalent circuit changes and the energy
is delivered even during the on time, as in forward mode. In case of a short, the voltage at pin
Isen exceeds the VISENdis threshold (Hiccup-mode OCP level) and the controller stops the
operation, so avoiding the destruction of the components at primary side. The controller
remains in off-state until the voltage across the Vcc pin decreases below the UVLO threshold. It
will then try to restart without success until the secondary short is removed. This provides a low
frequency hic-cup working mode, preventing the power supply from being destroyed.
The board has been tested over the entire input voltage mains range. Two critical circuit
parameters, the Vds and the output current have been checked during short circuit tests. In all
conditions the measured drain voltage is always below the BVDSS, while the mean value of the
output current has a value lower or close to the nominal one, therefore preventing the
component damage. As indicated by the waveforms in Figure 18. and Figure 19., once an
output is shorted, the circuit begins to work in hic-cup mode, keeping the mean value of the
current at levels sustainable by the component rating. Because the working time and the dead
time are imposed by the charging and discharging time of the auxiliary capacitor C19, thanks to
the L6668 current source and related circuitry, the on-off periods are independent from the
input mains voltage, contrary to controller using a passive start-up circuitry where the on time
Figure 16. at 115 VAC - 60Hz
Figure 17. at 230 VAC - 50Hz
CH1: VDD
CH2: VC19 (Vaux)
CH3: +12 Vout
CH4: +1.8 Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com