Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 4Page - STMicroelectronics AN2941 Datasheet HTML 5Page - STMicroelectronics AN2941 Datasheet HTML 6Page - STMicroelectronics AN2941 Datasheet HTML 7Page - STMicroelectronics AN2941 Datasheet HTML 8Page - STMicroelectronics AN2941 Datasheet HTML 9Page - STMicroelectronics AN2941 Datasheet HTML 10Page - STMicroelectronics AN2941 Datasheet HTML 11Page - STMicroelectronics AN2941 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Main characteristics and circuit description
AN2941
8/37
Doc ID 15447 Rev 4
During light-load operation the PFC controller is stopped by the PWM controller, so the
MOSFET doesn’t switch and there is no reflected voltage on the auxiliary winding. C1, C2
and C3 are no longer charged and discharged and so both the multiplier and the feedback
networks do not dissipate.
The divider R3, R5, R11, R10 and R19, directly connected to the output voltage, is
dedicated to protect the circuit in case of output overvoltage or open loop via pin PFC_OK
(#7).
Tracking boost option
To maximize overall efficiency the PFC makes use of the “Tracking Boost Option”. With this
function implemented the PFC DC output voltage changes proportionally to the mains
voltage. The L6563S can implement this function by just adding a resistor (R30) connected
to the dedicated pin (TBO, #6). Furthermore, the tracking boost option allows the use of a
smaller (and cheaper) inductor. In this case a 400 µH inductor has been used while, with a
fixed output voltage PFC working at similar operating frequency, a 700 µH inductor is
needed.
Fast voltage feed-forward
The voltage on the L6563S Vff pin (#5) is the peak value of the voltage on MULT pin (#3).
The RC network (R34, C21) connected to Vff completes the peak-holding circuit. This signal
is necessary to derive information from the RMS input voltage to compensate the loop gain
that is mains voltage dependent.
Generally speaking, if the time constant is too small, the voltage generated is affected by a
considerable amount of ripple at twice the mains frequency, causing distortion of the current
reference (resulting in high THD and poor PF). If the time constant is too large there is a
considerable delay in setting the right amount of feed-forward, resulting in excessive
overshoot or undershoot of the pre-regulator's output voltage in response to large line
voltage changes.
To overcome this issue, the L6563S implements the new fast Vff function. As soon as the
voltage on the Vff pin decreases from a set threshold (40 mV typically), a mains dip is
assumed and an internal switch rapidly discharges the Vff capacitor via a 10 k
Ω resistor.
Thanks to this feature it is possible to set an RC circuit with a long time constant, assuring a
low THD, and keeping a fast response to the mains dip.
Flyback power stage
The downstream converter, acting as the master stage, implements the ST L6566A (U6), a
new dedicated current mode controller. The IC operates in quasi-resonant mode detecting
the transformer demagnetization by pin ZCD (#11). R42 on pin OSC (#13) sets the
maximum switching frequency at about 125 kHz. This value has been chosen to limit the
switching losses.
Due to the fact that the maximum switching frequency is imposed, the converter operates in
discontinuous conduction mode during light-load operation. Thanks to the L6566A valley
skipping function, even in this condition, the flyback operates in valley switching, reducing
switching losses. The MOSFET is a standard 800 V, STF7NM80, housed in the TO-220FP
package, needing just a small heat sink. The transformer is layer type, using a standard
ferrite size EER35. The transformer, designed according to EN60950, is manufactured by
TDK. The flyback reflected voltage is ~130 V, providing enough room for the leakage
inductance voltage spike with still margin for reliability of the MOSFET. The rectifier D8 and
the transil D4 clamp the peak of the leakage inductance voltage spike at MOSFET turn-off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com