Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 29Page - STMicroelectronics AN2941 Datasheet HTML 30Page - STMicroelectronics AN2941 Datasheet HTML 31Page - STMicroelectronics AN2941 Datasheet HTML 32Page - STMicroelectronics AN2941 Datasheet HTML 33Page - STMicroelectronics AN2941 Datasheet HTML 34Page - STMicroelectronics AN2941 Datasheet HTML 35Page - STMicroelectronics AN2941 Datasheet HTML 36Page - STMicroelectronics AN2941 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AN2941
Transformer specifications
Doc ID 15447 Rev 4
33/37
9
Transformer specifications
General description and characteristics
●
Application type: consumer, home appliances
●
Transformer type: open
●
Coil former: horizontal type, 9+9 pins
●
Max. temp. rise: 45 °C
●
Max. operating ambient temperature: 60 °C
●
Mains insulation: according to EN60950
●
Unit finishing: varnished
Electrical characteristics
●
Converter topology: flyback, CCM/DCM mode
●
Core type: EER34-PC47
●
Min. operating frequency: 20 kHz
●
Typical operating frequency: 100 kHz
●
Primary inductance: 550 µH ± 10% at 1 kHz-0.25 V (b)
●
Leakage inductance: 17 µH max at 100 kHz-0.25 V (c)
●
Peak primary current: 2.65 APK
●
RMS primary current: 0.78 ARMS
Electrical diagram and winding characteristics
Figure 29.
Transformer electrical diagram
b.
Measured between pins (2, 3)-(5, 6)
c.
Measured between pins (2, 3)-(5, 6) with all secondary windings shorted
 
8
9
AUX
10‐11
15‐16
+19V
5
2
PRIM. A
6
3
PRIM. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com