Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 15Page - STMicroelectronics AN2941 Datasheet HTML 16Page - STMicroelectronics AN2941 Datasheet HTML 17Page - STMicroelectronics AN2941 Datasheet HTML 18Page - STMicroelectronics AN2941 Datasheet HTML 19Page - STMicroelectronics AN2941 Datasheet HTML 20Page - STMicroelectronics AN2941 Datasheet HTML 21Page - STMicroelectronics AN2941 Datasheet HTML 22Page - STMicroelectronics AN2941 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
AN2941
Functional check
Doc ID 15447 Rev 4
19/37
In Figure 18 we can see that, in this case, the IC supply voltage drops to the UVLO
threshold (10 V) causing controller turn-off before the SS pin signal attains the disable
threshold (5 V). This happens because the transformer leakage inductance is very low and
as soon as the output voltage drops, the auxiliary voltage drops immediately as well.
Furthermore from the graph we can note that, during the SS voltage ramp-up, the
transferred power is limited.
Overvoltage and open loop protection
The EVL6566A-75WES4 board implements two different open loop protections, one for
each stage.
The PFC controller L6563S is equipped with an OVP monitoring the output voltage by the
PFC_OK (#7) pin with a resistor divider (R3, R5, R11 high, R10 and R19 low). This divider is
selected so that the voltage at the pin reaches 2.5 V if the output voltage exceeds a preset
value (455 V in this case). When this function is triggered, the gate drive activity is
immediately stopped and it restarts as the voltage on the pin falls below 2.4 V. This function
protects the bulk capacitor from voltage surges caused by abrupt load/line changes or
startup overshoot. Because, in this case no failure occurred, the controller restarts as the
output voltage falls below the overvoltage threshold. However, if the voltage on pin INV falls
below 1.66 V (typ.) a feedback failure is assumed. In this case the device is latched off.
Normal operation can be resumed only by cycling Vcc, bringing its value lower than 6 V,
before moving up to turn-on threshold. At the same time the pin PWM_LATCH (pin #8) is
asserted high. This pin is an open source output intended for tripping a latched shutdown
function of the PWM controller IC in the cascaded DC-DC converter, so that the entire unit is
latched off. On this board the PWM_LATCH is connected to the DIS pin of the L6566A.
Figure 17.
Short-circuit at full load and
230 Vac - 50 Hz
Figure 18.
Short-circuit details at full load and
230 Vac - 50 Hz
CH1: Gate voltage
CH2: Vcc
CH3: SS pin voltage
CH4: Output current
CH1: Drain voltage
CH2:Vcc
CH3: SS pin voltage
CH4: Output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com