Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 10Page - STMicroelectronics AN2941 Datasheet HTML 11Page - STMicroelectronics AN2941 Datasheet HTML 12Page - STMicroelectronics AN2941 Datasheet HTML 13Page - STMicroelectronics AN2941 Datasheet HTML 14Page - STMicroelectronics AN2941 Datasheet HTML 15Page - STMicroelectronics AN2941 Datasheet HTML 16Page - STMicroelectronics AN2941 Datasheet HTML 17Page - STMicroelectronics AN2941 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Efficiency measurement
AN2941
14/37
Doc ID 15447 Rev 4
requirements. The major computer manufacturers require efficiency higher than 70% from 1
W to 2 W input power and efficiency higher than 75% from 2 W to 3 W input power.
Figure 6
shows the demonstration board’s measured efficiency at light load, comparing it
with requirements coming from the reference ENERGY STAR® document.
Figure 6.
Light-load efficiency measurements
EPA rev. 5.0 computers power supply compliance
As indicated in Table 3, this converter is also compliant with the newer, most stringent “EPA
rev. 5.0 computers” limits for active-load efficiency.
This latest ENERGY STAR® document, whose effective date is July 2009, introduces a new
method of testing the energy performance of computers. It sets a limitation on typical energy
consumption (TEC) of computers which is a value for typical annual electricity use, by
measurements of average operational mode power levels scaled by an assumed typical
usage model (duty cycle). This new approach, like the previous one, does not establish
direct limits to the power supply minimum efficiency for each different state. In fact it
depends on the actual load applied by computer itself. At the moment this application note
has been written, not all the major computer manufacturers have produced specific
requirements for EPA rev. 5.0 compliant designs. Anyway, the good margin achieved against
the EPA rev. 4.0 limits proves that this board can be a viable solution even for upcoming EPA
5 computer designs.
 
50%
55%
60%
65%
70%
75%
80%
85%
90%
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Pin [W]
230V-50Hz
115V-60Hz
EPA4
Table 3.
Overall efficiency compared to “EPA rev. 5.0 computers”
Notes
230V-50Hz
115V-60Hz
EPA5
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
Vout
[V]
Iout
[mA]
Pout
[W]
Pin
[W]
Eff.
20% load eff.
19.12
785
15.02
18.17
82.6%
19.10
785
14.99
17.39
86.2%
82.0%
PASS
50% load eff.
19.13
1960
37.50
42.87
87.5%
19.11
1963
37.52
42.12
89.1%
85.0%
PASS
100% load eff.
19.15
3917
75.01
84.07
89.2%
19.14
3920
75.00
85.26
88.0%
82.0%
PASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com