Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 6Page - STMicroelectronics AN2941 Datasheet HTML 7Page - STMicroelectronics AN2941 Datasheet HTML 8Page - STMicroelectronics AN2941 Datasheet HTML 9Page - STMicroelectronics AN2941 Datasheet HTML 10Page - STMicroelectronics AN2941 Datasheet HTML 11Page - STMicroelectronics AN2941 Datasheet HTML 12Page - STMicroelectronics AN2941 Datasheet HTML 13Page - STMicroelectronics AN2941 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Main characteristics and circuit description
AN2941
10/37
Doc ID 15447 Rev 4
Output voltage feedback loop
The output regulation is done by means of two control loops, a voltage and a current loop
working alternatively. A dedicated control IC, the TSM1014 (U5), has been used. It
integrates two operational amplifiers (used as error amplifiers) and a precise voltage
reference. The output signal of the error amplifiers drives an optocoupler SFH617A-4 (U3)
to get the required insulation of the secondary side and modulating the voltage on COMP
pin (#9) of the L6566A.
L6566A current mode control and voltage feed-forward function
R52 and R53 sense the Q5 MOSFET current of the flyback and the signal is fed into pin #7
(CS) connected to the PWM comparator. This signal is compared with the COMP (pin #9)
signal which is coming from the optocoupler.
The maximum power that the converter can deliver is set by a comparator limiting the peak
of the primary current, comparing the CS and an internal threshold (VCSX). If the current
signal exceeds the threshold, the comparator limits the MOSFET duty cycle, hence the
output power is also limited.
Because the maximum transferable power depends on both the primary peak current and
the input voltage, in order to keep almost constant the overload set point that would change
according to flyback input voltage, the L6566A implements a voltage feed-forward function
via a dedicated pin. Hence, VCSX is modulated by the voltage on pin #15 (VFF) sensing the
bulk voltage by a resistor divider. A higher voltage causes a smaller VCS,MAX so that the
maximum power can be kept almost constant at any input voltage.
L6566A short-circuit protection
In case of short-circuit, an internal comparator senses the COMP pin after the soft-start at
which time the COMP pin goes high, activating an internal current source that restarts
charging the soft-start capacitor from the initial 2 V level. If the voltage on this pin reaches
5 V, the L6566A stops the operation and enters in the “hiccup mode”. The L6566A restarts
with a startup sequence when the Vcc voltage drops below the VCCrestart level (5 V).
Because of the long time needed by the VCC capacitor to drop to 5 V, the duration of the no-
load operation increases, thus decreasing the power dissipation and the stress of the power
components. This sequence is repeated until the short is removed following which normal
operation of the converter is automatically resumed.
Another comparator, whose threshold is 1.5 V and dedicated to protecting the circuit in case
of transformer saturation or secondary diodes short, is also provided. If the voltage on the
CS pin (#7) exceeds this threshold two consecutive times, the IC immediately shuts down
and latches off. This is intended to prevent spurious activation of the protection in case of
temporary disturbances, for example during the immunity tests. Even in this case the IC
operation is resumed as soon as the VCC voltage drops below 5 V. In this way a hiccup
mode operation is still obtained, avoiding consequent failures due to overheating of the
power components.
Overvoltage protection
Pin #11 (ZCD) is connected to the auxiliary winding by a resistor divider. It implements the
OVP against feedback network failures. When the ZCD pin voltage exceeds 5 V the IC is
shut down. This protection can be set as latched or auto-restart by the user with no
additional components. On the board it is set as latched, therefore operations can resume
after a mains recycling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com