Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 21Page - STMicroelectronics AN2941 Datasheet HTML 22Page - STMicroelectronics AN2941 Datasheet HTML 23Page - STMicroelectronics AN2941 Datasheet HTML 24Page - STMicroelectronics AN2941 Datasheet HTML 25Page - STMicroelectronics AN2941 Datasheet HTML 26Page - STMicroelectronics AN2941 Datasheet HTML 27Page - STMicroelectronics AN2941 Datasheet HTML 28Page - STMicroelectronics AN2941 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
7
Bill of material
Table 6.
Bill of material
Des.
Part type / part value
Description
Supplier
Case style / package
C1
2n2F
Y1 - safety cap. DE1E3KX222M
Murata
DWG
C2
2n2F
Y1 - safety cap. DE1E3KX222M
Murata
DWG
C3
330nF
X2 - flm cap - R46-I 3470--M1-
Arcotronics
DWG
C5
470nF - 400V
400V - flm cap - B32653A4474
EPCOS
DWG
C6
100µF - 450V
450V - aluminium elcap - LLS series - 85°C
Nippon-chemicon
25X25 mm
C7
2n2F
Y1 - safety cap. DE1E3KX222M
Murata
DWG
C8
1nF
200V cercap - general purpose
AVX
1206
C9
100nF
50V cercap - general purpose
AVX
0805
C10
1nF
50V cercap - general purpose
AVX
1206
C11
1nF
50V cercap - general purpose
AVX
1206
C12
1000µF - 25V
25V - aluminium elcap - ZL series - 105°C
Rubycon
DWG
C13
100µF - 25V
25V - aluminium elcap - YXF series - 105°C
Rubycon
DWG
C14
220nF
50V cercap - general purpose
AVX
1206
C15
1µF
25V cercap - general purpose
AVX
0805
C16
1000uF - 25V
25V - aluminium elcap - ZL series - 105°C
Rubycon
DWG
C17
100nF
50V cercap - general purpose
AVX
0805
C18
220nF
100V cercap - general purpose
AVX
1206
C19
2n2F
50V cercap - general purpose
AVX
1206
C20
2n2F
50V cercap - general purpose
AVX
1206
C21
1uF
25V cercap - general purpose
AVX
0805
C22
22pF - 2KV
2KV cap - DEA1X3D220JC1B
Murata
5mm
C23
100nF
50V cercap - general purpose
AVX
0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com