Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2941 Datasheet HTML 1Page - STMicroelectronics AN2941 Datasheet HTML 2Page - STMicroelectronics AN2941 Datasheet HTML 3Page - STMicroelectronics AN2941 Datasheet HTML 4Page - STMicroelectronics AN2941 Datasheet HTML 5Page - STMicroelectronics AN2941 Datasheet HTML 6Page - STMicroelectronics AN2941 Datasheet HTML 7Page - STMicroelectronics AN2941 Datasheet HTML 8Page - STMicroelectronics AN2941 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
November 2010
Doc ID 15447 Rev 4
1/37
AN2941
Application note
19 V - 75 W SMPS compliant with latest ENERGY STAR® criteria
using the L6563S and the L6566A
Introduction
This application note describes the characteristics and the features of a 75 W reference
board (p/n EVL6566A-75WES4), tailored on specifications of a typical high-end portable
computer power supply. The peculiarities of this design are the very high efficiency at light
load and the excellent global efficiency for a two-stage architecture. The high efficiency at
high load is achieved by not using synchronized rectification at the secondary side and
therefore offering a very cost-effective solution.
Efficiency during active-load and light-load operation are compliant with ENERGY STAR®
eligibility criteria for both external (EPA rev. 2.0 EPS) and computer integrated (EPA rev. 4.0
computers) power supply. In addition this design is even compliant with the latest computer
document (EPA rev. 5.0 computers) whose effective date is July 2009.
Figure 1.
L6566A and L6563S-75W ENERGY STAR® compliant adapter
demonstration board (p/n EVL6566A-75WES4)
www.st.com


Similar Part No. - AN2941

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN294 SILABS-AN294 Datasheet
1Mb / 22P
Si825X FREQUENCY COMPENSATION SIMULATOR FOR DIGITAL BUCK CONVERTERS
logo
STMicroelectronics
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
Plethysmograph based on the TS507
28-Jan-2010
AN2945 STMICROELECTRONICS-AN2945 Datasheet
218Kb / 18P
Following the market launch of the award winning
28-Jul-2009
AN2946 STMICROELECTRONICS-AN2946 Datasheet
1Mb / 38P
Solar-LED streetlight controller with 25 W LED lamp driver
28-Sep-2010
More results

Similar Description - AN2941

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3203 STMICROELECTRONICS-AN3203 Datasheet
2Mb / 49P
This application note describes the characteristics and performance
28-Jan-2011
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
This application note describes the characteristics and the features
10-Jun-2008
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
This application note describes the characteristics and the features
13-Dec-2010
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN3329 STMICROELECTRONICS-AN3329 Datasheet
1Mb / 47P
This application note describes the characteristics and features
25-Feb-2011
AN4599 STMICROELECTRONICS-AN4599 Datasheet
906Kb / 26P
This application note describes the features
03-Feb-2015
AN1772 STMICROELECTRONICS-AN1772 Datasheet
80Kb / 8P
This Application Note describes the problems
27-Nov-2003
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
This application note describes the ProxSense
12-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com