Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 14Page - STMicroelectronics AN2941 Datasheet HTML 15Page - STMicroelectronics AN2941 Datasheet HTML 16Page - STMicroelectronics AN2941 Datasheet HTML 17Page - STMicroelectronics AN2941 Datasheet HTML 18Page - STMicroelectronics AN2941 Datasheet HTML 19Page - STMicroelectronics AN2941 Datasheet HTML 20Page - STMicroelectronics AN2941 Datasheet HTML 21Page - STMicroelectronics AN2941 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Functional check
AN2941
18/37
Doc ID 15447 Rev 4
Overcurrent and short-circuit protection
In this demonstration board the overcurrent is managed by TSM1014 (U5), a CC/CV
controller. Inside the IC there are a voltage reference and two Or-ed operational amplifiers,
one dedicated to act as the error amplifier of the voltage loop, the second is dedicated to act
as the error amplifier of the current loop. During normal operation the voltage feedback loop
is working while, in case the output current exceeds the programmed value, the current loop
error amplifier takes over, thus keeping constant the output current.
In case of a dead-short, the current cannot be limited effectively by U5 because the output
voltage drops so it is not powered, therefore the primary controller must manage the failure
condition.
In case of output short, there are two different possible situations that the controller has to
handle. If the coupling between the secondary winding and the auxiliary winding is good
enough, as soon as the output voltage drops, the auxiliary voltage drops as well and the IC
supply voltage falls below the undervoltage lockout threshold, causing the L6566A to
disable. The controller stops switching and remains in the off-state until the voltage on the
Vcc pin decreases below the Vcc restart threshold (5 V). Then, the HV startup turns on and
charges the Vcc capacitor. As soon as the turn-on threshold is reached, the circuit restarts.
If the short is still there, the circuit just attempts to restart but it stops in a few milliseconds.
Restart attempts are repeated indefinitely, until the short is removed. This provides a very
low frequency hiccup working mode (for this board 0.5 Hz), limiting the current flowing at
secondary side (less than 1 Arms) preventing the power supply from overheating, which
could destroy it.
In case the leakage inductance between auxiliary and secondary winding is not negligible,
some spikes on the auxiliary voltage could keep Vcc above the UVLO threshold for a time
long enough to damage the converter. In this case L6566A detects a short-circuit monitoring
the control pins. When the output voltage drops and consequently pin COMP saturates high,
the soft-start capacitor is charged by an internal current source. When the Vss voltage
reaches an internal disable threshold (5 V), the controller stops switching and starts
operating in hiccup mode as described above.
Figure 15.
Transition full load to no load at 265
Vac-50 Hz
Figure 16.
Transition no load to full load at 265
Vac-50 Hz
CH1: Drain voltage
CH2: Vcc
CH3: Output voltage
CH4: Output current
CH1: Drain voltage
CH2: Vcc
CH3: Output voltage
CH4: Output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com