Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 16Page - STMicroelectronics AN2941 Datasheet HTML 17Page - STMicroelectronics AN2941 Datasheet HTML 18Page - STMicroelectronics AN2941 Datasheet HTML 19Page - STMicroelectronics AN2941 Datasheet HTML 20Page - STMicroelectronics AN2941 Datasheet HTML 21Page - STMicroelectronics AN2941 Datasheet HTML 22Page - STMicroelectronics AN2941 Datasheet HTML 23Page - STMicroelectronics AN2941 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Functional check
AN2941
20/37
Doc ID 15447 Rev 4
To restart the system the input power must be recycled.
Additionally, if the voltage on pin PFC_OK is tied below 0.23 V, the L6563S is shut down. In
this case both PWM_STOP and PWM_LATCH keep their high impedance status. To restart
the IC simply let the voltage at the pin go above 0.27 V. This function can be used as a
remote on/off control input.
Note that this function offers a complete protection against not only feedback loop failures or
erroneous settings, but also against a failure of the protection itself. If either resistor of the
PFC_OK divider fails short or opens or the PFC_OK (#7) pin is floating, this results in
shutting down the L6563S and stopping the controller operation of the flyback stage.
The event of an open loop is given in Figure 19. We can notice the protection intervention
stopping the operation of the L6563S and the activation of the PWM_LATCH pin that is
connected to the L6566A pin #7 (DIS). This function of the L6566A is a latched device
shutdown. Internally the pin connects a comparator that, when the voltage on the pin
exceeds 4.5 V, shuts down the IC and brings its consumption to a value barely higher than
before startup. The internal L6566A logic opens also the pin Vcc_PFC, therefore the
L6563S remains inactive after latching because it is no longer powered.
This state is latched and the input power must be recycled in order to restart the IC. The
latch is removed as the voltage on the AC_OK goes below the brownout threshold.
The flyback stage is also protected against open loop conditions that lead to losing control
of the output voltage.
The L6566A OVP function monitors the voltage on the ZCD pin (#11) during the MOSFET's
off-time, during which the voltage generated by the auxiliary winding is proportional to the
converter's output voltage. If the voltage on the pin exceeds an internal 5 V reference, an
overvoltage condition is assumed and the device is shut down. An internal current generator
is activated that sources 1 mA out of the VFF pin (#15). If the VFF voltage is allowed to
reach 2 VBE over 5 V, the L6566A is latched off (Figure 20). As soon as the IC is latched,
VCC starts decreasing until it reaches a value 0.5 V below the turn-on threshold. Then the
Figure 19.
EVL6566-75WES4 PFC open loop at 115 Vac-60 Hz - full load
CH1: Drain voltage
CH2: PFC output voltage
CH3: PFC_OK pin voltage
CH4: PWM_LATCH pin voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com