Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 23Page - STMicroelectronics AN2941 Datasheet HTML 24Page - STMicroelectronics AN2941 Datasheet HTML 25Page - STMicroelectronics AN2941 Datasheet HTML 26Page - STMicroelectronics AN2941 Datasheet HTML 27Page - STMicroelectronics AN2941 Datasheet HTML 28Page - STMicroelectronics AN2941 Datasheet HTML 29Page - STMicroelectronics AN2941 Datasheet HTML 30Page - STMicroelectronics AN2941 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
Des.
Part type / part value
Description
Supplier
Case style / package
D8
STTH108A
High voltage ultrafast rectifier
STMicroelectronics
SMA
D9
LL4148
Fast switching diode
Vishay
MINIMELF
D10
LL4148
Fast switching diode
Vishay
MINIMELF
D11
STTH102
Fast switching diode
STMicroelectronics
DO-41
D16
LL4148
Fast switching diode
Vishay
MINIMELF
D17
BZV55-B18
Zener diode
Philips
MINIMELF
F1
Fuse 4A
Fuse T4A - time delay
Wichmann
DWG
HS1
Heat-sink
DWG
HS2
Heat-sink
DWG
HS3
Heat-sink
DWG
J1
MKDS 1,5/ 3-5,08
PCB term. block, screw conn., pitch 5mm - 3 W.
Phoenix contact
DWG
J2
MKDS 1,5/ 2-5,08
PCB term. block, screw conn., pitch 5mm - 2 W.
Phoenix contact
DWG
L1
HF2422-203Y1R0-T01
Input EMI filter
TDK
DWG
L2
SRW25CQ-T05V102
PFC inductor
TDK
DWG
L3
TSL0709 - 1R5M4R3-PF
1u5F - radial inductor
TDK
DWG
Q2
STF7NM50
N-channel power MOSFET
STMicroelectronics
TO-220FP
Q3
BC847C
NPN small signal BJT
ZETEX
SOT-23
Q5
STF7NM80
N-channel power MOSFET
STMicroelectronics
TO-220FP
Q10
BC847C
NPN small signal BJT
Zetex
SOT-23
Q11
BC847C
NPN small signal BJT
Zetex
SOT-23
R1
2R5
NTC resistor - S237
EPCOS
DWG
R3
2M2
SMD standard film res - 1/4W - 1% - 100ppm/°C
Vishay
1206
R4
680K
SMD standard film res - 1/8W - 1% - 100ppm/°C
Vishay
0805
R5
2M2
SMD standard film res - 1/4W - 1% - 100ppm/°C
Vishay
1206
R7
3M3
SMD standard film res - 1/4W - 1% - 100ppm/°C
Vishay
1206
Table 6.
Bill of material (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com