Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2941 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2941
Description  This application note describes the characteristics and the features
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2941 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2941 Datasheet HTML 13Page - STMicroelectronics AN2941 Datasheet HTML 14Page - STMicroelectronics AN2941 Datasheet HTML 15Page - STMicroelectronics AN2941 Datasheet HTML 16Page - STMicroelectronics AN2941 Datasheet HTML 17Page - STMicroelectronics AN2941 Datasheet HTML 18Page - STMicroelectronics AN2941 Datasheet HTML 19Page - STMicroelectronics AN2941 Datasheet HTML 20Page - STMicroelectronics AN2941 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AN2941
Functional check
Doc ID 15447 Rev 4
17/37
Standby and no-load operation
In Figure 13 and Figure 14, some no-load waveforms are given. As shown, the L6566A
works in burst mode. When the feedback voltage at pin COMP falls below 2.65 V (typical),
the IC is disabled and its consumption is reduced. The chip is re-enabled as the voltage on
pin COMP rises again over this threshold. Additionally, in order to get the best efficiency,
during light-load operation the PFC stage is turned off. In fact when the voltage on pin
COMP falls below the burst mode threshold, the L6566A pin #6 (Vcc_PFC) supplying the
PFC controller, is opened. Thus the residual consumption of the PFC control circuitry is
minimized to a negligible level. Whenever the IC is shut down, either latched or not, the
Vcc_PFC pin is open as well.
In Figure 15 and Figure 16 the transitions from full load to no load and vice versa at
maximum input voltage have been checked. The maximum input voltage has been chosen
because it is the most critical input voltage for transition. In fact at no load the burst pulses
have lower repetition frequency and Vcc could drop, causing restart cycles of the controller.
As visible in the graphs, both transitions are clean and there isn't any output voltage or Vcc
dip.
Figure 13.
No-load operation at 90 V-60 Hz
Figure 14.
No-load operation at 265 V-50 Hz
CH1: Flyback drain
CH2: COMP pin
CH3: Output voltage
CH4: PFC drain
CH1: Flyback Drain
CH2: COMP pin
CH3: Output voltage
CH4: PFC drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com