Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 2Page - STMicroelectronics AN4248 Datasheet HTML 3Page - STMicroelectronics AN4248 Datasheet HTML 4Page - STMicroelectronics AN4248 Datasheet HTML 5Page - STMicroelectronics AN4248 Datasheet HTML 6Page - STMicroelectronics AN4248 Datasheet HTML 7Page - STMicroelectronics AN4248 Datasheet HTML 8Page - STMicroelectronics AN4248 Datasheet HTML 9Page - STMicroelectronics AN4248 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Electrical specifications
AN4248
6/46
DocID024214 Rev 1
2
Electrical specifications
Table 1. Electrical Specifications
Parameters
Limits
Min operating voltage, Vacmin
90 Vac
Max operating voltage, Vacmax
265 Vac
Mains overvoltage detection
Overvoltage shutdown above 300 Vac
Converter should withstand 440 Vac
Mains frequency, fL
50 Hz+/-3 Hz
Input / output isolation
Yes, galvanic isolation, > 2.7 KV
Nominal output voltage, Vout
24 V+/-0.2 V
Total output power, Pout
60 W
Typical efficiency at 230 Vac
> 85%
Output voltage pk-pk ripple
< 150 mV
Protection features
Mains brownout protection-auto restart
Mains overvoltage protection-auto restart/latched
Overload and short-circuit protection-auto restart
Output overvoltage protection-auto restart/latched
Over temperature shutdown-latched
Topology
Q-resonant flyback converter
Reflected voltage of transformer (VR)
140 V
Max ambient temperature
45° C
Enclosure type
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com