Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 4Page - STMicroelectronics AN4248 Datasheet HTML 5Page - STMicroelectronics AN4248 Datasheet HTML 6Page - STMicroelectronics AN4248 Datasheet HTML 7Page - STMicroelectronics AN4248 Datasheet HTML 8Page - STMicroelectronics AN4248 Datasheet HTML 9Page - STMicroelectronics AN4248 Datasheet HTML 10Page - STMicroelectronics AN4248 Datasheet HTML 11Page - STMicroelectronics AN4248 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Mains feed-forward setting
AN4248
8/46
DocID024214 Rev 1
4
Mains feed-forward setting
The VFF pin is used to feed the controller the input voltage information and accordingly the
internal current sense threshold is decided. The purpose of feed-forward input is to maintain
the constant input power of converter throughout the wide mains variation and fixes the
output overload current threshold constant throughout the wide mains variations.
The linear dynamics of the pin ranges from 0 to 3 V. A voltage higher than 3 V makes the IC
stop switching. If VFF function is not desired, tie the pin to GND (pin 3) directly if a latch-
mode output OVP is not required (see pin 11, ZCD) or through a 10 k min resistor if a latch-
mode OVP is required. Bypass the pin with a capacitor to GND (pin 3) to reduce noise pick-
up. The following figure shows the internal circuit of the controller for feed-forward function
and the variation of current sense threshold (Vcsx) versus mains voltage variations (VFF
signal).
Figure 3. L6566B mains feed-forward section
Figure 4. Power capability change vs. input voltage in QR flyback converters
The optimum value of k, kopt, which minimizes the power capability variations over the input
voltage range, is the one that provides equal power capability at the extremes of the range.
The approximation of this parameter is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com