Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 21Page - STMicroelectronics AN4248 Datasheet HTML 22Page - STMicroelectronics AN4248 Datasheet HTML 23Page - STMicroelectronics AN4248 Datasheet HTML 24Page - STMicroelectronics AN4248 Datasheet HTML 25Page - STMicroelectronics AN4248 Datasheet HTML 26Page - STMicroelectronics AN4248 Datasheet HTML 27Page - STMicroelectronics AN4248 Datasheet HTML 28Page - STMicroelectronics AN4248 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
DocID024214 Rev 1
25/46
AN4248
Bill of material
66
D5
Diode STTH108, package DO-41
67
D7
Diode 1N4148 SMD
68
D8
Diode 1N4148 SMD
69
D9
Diode Schottky STPS20120CFP, package TO-220FPAB
ST
70
D10
Diode Schottky STPS20120CFP, package TO-220FPAB
ST
71
U1
PWM controller L6566B, package SO-16
ST
72
U3
Reference voltage IC TL431ACZ, package TO-92
ST
73
U2
Optocoupler PC817B , package DIP-4
74
Q2
MOSFET STP10NK80Z, package TO-220AC,
or STF7N80K5, package TO-220FP
ST
75
Q1
Transistor BC547, package TO-92
76
L1
DC side inductor 470 Uh Drum type
77
L2
Common mode filter 10 Mh
78
L3
DC side inductor 4.7 Uh drum type
79
T1
Transformer ETD34
80
F1
Mains fuse glass type 4 A
81
R14
NTC
82
R33
NTC M57703
83
MOV
510 Vrms rated, S10K510
Epcos
84
Z1
Zener 22 V/0.5 W (optional)
Table 3. Bill of material (continued)
Sr no
Part reference
Part description
Make



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com