Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 23Page - STMicroelectronics AN4248 Datasheet HTML 24Page - STMicroelectronics AN4248 Datasheet HTML 25Page - STMicroelectronics AN4248 Datasheet HTML 26Page - STMicroelectronics AN4248 Datasheet HTML 27Page - STMicroelectronics AN4248 Datasheet HTML 28Page - STMicroelectronics AN4248 Datasheet HTML 29Page - STMicroelectronics AN4248 Datasheet HTML 30Page - STMicroelectronics AN4248 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
DocID024214 Rev 1
27/46
AN4248
Functional check
15
Functional check
The flyback waveforms are analyzed (refer to Figure 16 through Figure 31) during steady-
state operation of the SMPS. The waveforms are captured at different load conditions -
25%, 50%, 75% and 100% at different operating mains voltage, starting from 100 Vac to 265
Vac.
Note:
CH1: drain current; CH2: Vcc voltage; CH3: COMP Pin; CH4: drain-source voltage.
Figure 16. Condition 1: Vac = 100 V; Iout = 0.6 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com