Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 8Page - STMicroelectronics AN4248 Datasheet HTML 9Page - STMicroelectronics AN4248 Datasheet HTML 10Page - STMicroelectronics AN4248 Datasheet HTML 11Page - STMicroelectronics AN4248 Datasheet HTML 12Page - STMicroelectronics AN4248 Datasheet HTML 13Page - STMicroelectronics AN4248 Datasheet HTML 14Page - STMicroelectronics AN4248 Datasheet HTML 15Page - STMicroelectronics AN4248 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Overtemperature shutdown
AN4248
12/46
DocID024214 Rev 1
7
Overtemperature shutdown
It is very simple to achieve overtemperature shutdown using the DIS pin. This protection is
latched disabled. We need to recycle the VCC voltage to restart the device. A simple circuit
using NTC, which is mounted on the MOSFET/rectifier heat sink can be used as shown
below. During normal temperature conditions, the voltage at the DIS pin is set lower than 4.5
V. As the temperature of the power device increases, NTC resistance falls and voltage at
the DIS pin starts increasing. As the voltage reaches at 4.5 V, the device gets shut down and
latched.
Figure 7. Power discrete thermal shutdown using the DIS pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com