Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 38Page - STMicroelectronics AN4248 Datasheet HTML 39Page - STMicroelectronics AN4248 Datasheet HTML 40Page - STMicroelectronics AN4248 Datasheet HTML 41Page - STMicroelectronics AN4248 Datasheet HTML 42Page - STMicroelectronics AN4248 Datasheet HTML 43Page - STMicroelectronics AN4248 Datasheet HTML 44Page - STMicroelectronics AN4248 Datasheet HTML 45Page - STMicroelectronics AN4248 Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
DocID024214 Rev 1
43/46
AN4248
Temperature rise test
20
Temperature rise test
The temperature of the main components like power discrete and magnetic are observed
until gets saturated at constant level after continuous working of power supply unit. Below is
the temperature of main components at nominal input of 230 Vac:
Table 5. Temperature rise test
Location of thermal sensor
Measured temperature( °C)
MOSFET Q2(STP10NK80Z) case
51.8
Schottky D9, D10 case
64.2
Transformer(T1) core
65.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com