Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 14Page - STMicroelectronics AN4248 Datasheet HTML 15Page - STMicroelectronics AN4248 Datasheet HTML 16Page - STMicroelectronics AN4248 Datasheet HTML 17Page - STMicroelectronics AN4248 Datasheet HTML 18Page - STMicroelectronics AN4248 Datasheet HTML 19Page - STMicroelectronics AN4248 Datasheet HTML 20Page - STMicroelectronics AN4248 Datasheet HTML 21Page - STMicroelectronics AN4248 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Transformer specifications
AN4248
18/46
DocID024214 Rev 1
10
Transformer specifications
10.1
General description and characteristics
–
Application type: consumer, home appliance
–
Transformer type: open
–
Coil former: horizontal type, 6+6 pins
–
Max. temp. rise: 45 ºC
–
Max. operating ambient temperature: 50 ºC
–
Mains insulation: in acc. with EN60950
10.2
Electrical characteristics
–
Converter topology: QR flyback
–
Core type: ETD34, N87 or equivalent
–
Typical operating frequency: 100 kHz
–
Primary inductance: 500
μH±10% at 1 kHz-0.25 V (a)
–
Leakage inductance: 5
μH Max at 100 kHz-0.25 V (b)
–
Measured between pins 3-1
–
Measured between pins 3-1 with secondary windings shorted
10.3
Winding details
Note:
Secondary windings are wound between primary 1st half and primary 2nd half layers.
Secondary windings A and B are in parallel.
Table 2.
Pins
Winding
RMS current
Number of turns
Wire gauge
3-2
Primary 1st Half
0.9 Arms
30
4XAWG27
9-7
Secondary-A
2.3 Arms
11
6XAWG22
10-8
Secondary-B
2.3 Arms
11
6XAWG22
2-1
Primary 1st half
0.9 Arms
30
4XAWG27
6-5
Auxiliary
0.05 Arms
6
1XAWG32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com