Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4248 Datasheet HTML 10Page - STMicroelectronics AN4248 Datasheet HTML 11Page - STMicroelectronics AN4248 Datasheet HTML 12Page - STMicroelectronics AN4248 Datasheet HTML 13Page - STMicroelectronics AN4248 Datasheet HTML 14Page - STMicroelectronics AN4248 Datasheet HTML 15Page - STMicroelectronics AN4248 Datasheet HTML 16Page - STMicroelectronics AN4248 Datasheet HTML 17Page - STMicroelectronics AN4248 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Output overvoltage protection (ZCD setting)
AN4248
14/46
DocID024214 Rev 1
Equation 6
Where
–
VoutOVP = output voltage level that is to activate the protection
–
Ns = number of turns of secondary winding
–
Naux = number of turns of the auxiliary winding
The value of RZ1 will be such that the current sourced by the ZCD pin is within the rated
capability of the internal clamp:
Equation 7
where
–Vinmax= maximum DC input voltage.
Referring to the schematic, RZ1=R17 and RZ2=R25. Based on the above relations and
transformer turns ratio, R17=47 K and R25=10 K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com