Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4248 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4248
Description  60 W PSU design details for water purifier system
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4248 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4248 Datasheet HTML 1Page - STMicroelectronics AN4248 Datasheet HTML 2Page - STMicroelectronics AN4248 Datasheet HTML 3Page - STMicroelectronics AN4248 Datasheet HTML 4Page - STMicroelectronics AN4248 Datasheet HTML 5Page - STMicroelectronics AN4248 Datasheet HTML 6Page - STMicroelectronics AN4248 Datasheet HTML 7Page - STMicroelectronics AN4248 Datasheet HTML 8Page - STMicroelectronics AN4248 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
May 2014
DocID024214 Rev 1
1/46
AN4248
Application note
60 W PSU design details for water purifier system
Harjeet Singh
Introduction
This power supply is based on quasi-resonant mode of operation using ST multi-mode
controller L6566B. The L6566B is an extremely versatile current-mode primary controller IC,
specifically designed for high-performance offline flyback converters. Both fixed-frequency
(FF) and quasi-resonant (QR) operation are supported. The user can pick either of the two,
depending on application needs.
The device features an externally programmable oscillator: it defines the converter's
switching frequency in FF mode and the maximum allowed switching frequency in QR
mode. When FF operation is selected, the IC works like a standard current-mode controller
with a maximum duty cycle limited at 70% min. The oscillator frequency can be modulated
to mitigate EMI emissions. QR operation, when selected, occurs at heavy load and is
achieved through a transformer demagnetization sensing input that triggers MOSFET turn-
on. Under some conditions, ZVS (zero-voltage switching) can be achieved. The converter's
power capability increasing with the mains voltage is compensated by line voltage feed-
forward. At medium and light load, as the QR operating frequency equals the oscillator
frequency, a function (valley skipping) is activated to prevent further frequency rise and
keep the operation as close to ZVS as possible. With either FF or QR operation, at very light
load the IC enters a controlled burst-mode operation, to help keep consumption from the
mains low and meet energy saving recommendations.
The protection functions included in this device are: not-latched input undervoltage
(brownout), output OVP (auto-restart or latch-mode selectable), a first-level OCP with
delayed shutdown to protect the system during overload or short-circuit conditions (auto
restart or latch-mode selectable) and a second-level OCP that is invoked when the
transformer saturates or the secondary diode fails short. A dedicated pin to latch the
controller in any abnormal condition is also provided.
The main features of the controller are listed here:
• Selectable multi-mode operation: fixed frequency or quasi-resonant
• On-board 700 V high-voltage startup
• Advanced light load management
• Low quiescent current (< 3 mA)
• Adaptive UVLO
• Line feed-forward for constant power capability vs. mains voltage
• Pulse-by-pulse OCP, shutdown on overload (latched or auto restart)
• Transformer saturation detection
• Programmable frequency modulation for EMI reduction
• Latched or auto restart OVP
• Brownout protection
www.st.com


Similar Part No. - AN4248

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4240 STMICROELECTRONICS-AN4240 Datasheet
1Mb / 30P
This application note provides an easy introduction to the usage
17-Sep-2013
AN4241 STMICROELECTRONICS-AN4241 Datasheet
286Kb / 18P
The L6470 and L6472 are fully integrated motor drivers providing
25-Jan-2013
AN4242 STMICROELECTRONICS-AN4242 Datasheet
2Mb / 26P
New generation of 650 V SiC diodes
30-May-2013
AN4243 STMICROELECTRONICS-AN4243 Datasheet
955Kb / 29P
The L6230 DMOS driver for three-phase brushless DC motor
29-Jan-2013
AN4246 STMICROELECTRONICS-AN4246 Datasheet
290Kb / 11P
Proprietary Code Read Out Protection on STM32L1 microcontrollers
03-Apr-2013
More results

Similar Description - AN4248

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5050871-1 MACOM-5050871-1 Datasheet
89Kb / 1P
Product Details for 5050871
logo
AAEON Technology
AEC-6638 AAEON-AEC-6638 Datasheet
238Kb / 2P
fanless system design
AEC-6646B AAEON-AEC-6646B Datasheet
352Kb / 2P
fanless system design
logo
Keysight Technologies
W2305EP KEYSIGHT-W2305EP Datasheet
2Mb / 16P
Advanced Design System
W2306EP KEYSIGHT-W2306EP Datasheet
2Mb / 16P
Advanced Design System
W2316EP KEYSIGHT-W2316EP Datasheet
2Mb / 16P
Advanced Design System
W2319EP KEYSIGHT-W2319EP Datasheet
2Mb / 16P
Advanced Design System
W2320EP KEYSIGHT-W2320EP Datasheet
2Mb / 16P
Advanced Design System
W2362EP KEYSIGHT-W2362EP Datasheet
2Mb / 16P
Advanced Design System
logo
PUI audio inc.
AS02008MO-R PUIAUDIO-AS02008MO-R Datasheet
449Kb / 5P
IP65-rated design for protection against dust and water
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com